Electronic Components Datasheet Search
  English  ▼

X  

AD5338R Datasheet(PDF) 23 Page - Analog Devices

Part # AD5338R
Description  Dual, 10-Bit nanoDAC with 2 ppm/C Reference, I2C Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5338R Datasheet(HTML) 23 Page - Analog Devices

Back Button AD5338R Datasheet HTML 19Page - Analog Devices AD5338R Datasheet HTML 20Page - Analog Devices AD5338R Datasheet HTML 21Page - Analog Devices AD5338R Datasheet HTML 22Page - Analog Devices AD5338R Datasheet HTML 23Page - Analog Devices AD5338R Datasheet HTML 24Page - Analog Devices AD5338R Datasheet HTML 25Page - Analog Devices AD5338R Datasheet HTML 26Page - Analog Devices AD5338R Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
Data Sheet
AD5338R
Rev. 0 | Page 23 of 28
HARDWARE RESET (RESET)
RESET is an active low reset that allows the outputs to be cleared to
either zero scale or midscale. The clear code value is user selectable
via the power-on reset select (RSTSEL) pin. It is necessary to
keep RESET low for a minimum amount of time to complete the
operation. When the RESET signal is returned high, the output
remains at the cleared value until a new value is programmed.
The outputs cannot be updated with a new value while
the RESET pin is low. Also, a software executable reset function
can reset the DAC to the power-on reset code. Command 0110
is designated for this software reset function (see Table 7). Any
events on LDAC or RESET during power-on reset are ignored.
RESET SELECT PIN (RSTSEL)
The AD5338R contains a power-on reset circuit that controls the
output voltage during power-up. By connecting the RSTSEL pin
low, the output powers up to zero scale. Note that this is outside
the linear region of the DAC; by connecting the RSTSEL pin
high, VOUT powers up to midscale. The output remains powered
up at this level until a valid write sequence is made to the DAC.
INTERNAL REFERENCE SETUP
Command 0111 is reserved for setting up the internal reference
(see Table 7). By default, the on-chip reference is on at power-up.
To reduce the supply current, this reference can be turned off by
setting the software-programmable bit, DB0, as shown in Table 16.
Table 15 shows how the state of the bit corresponds to the mode
of operation.
Table 15. Reference Setup Register
Internal Reference Setup Register (DB0)
Action
0
Reference on (default)
1
Reference off
SOLDER HEAT REFLOW
As with all IC reference voltage circuits, the reference value
experiences a shift induced by the soldering process. Analog
Devices, Inc., performs a reliability test called precondition to
mimic the effect of soldering a device to a board. The output
voltage specification quoted in Table 3 includes the effect of this
reliability test.
Figure 48 shows the effect of solder heat reflow (SHR) as measured
through the reliability test (precondition).
Figure 48. SHR Reference Voltage Shift
LONG-TERM TEMPERATURE DRIFT
Figure 49 shows the change in VREF value after 1000 hours in life
test at 150°C.
Figure 49. Reference Drift Through to 1000 Hours
Table 16. 24-Bit Input Shift Register Contents for Internal Reference Setup Command1
DB23 (MSB)
DB22
DB21
DB20
DB19
DB18
DB17
DB16
DB15 to DB1
DB0 (LSB)
0
1
1
1
X
X
X
X
X
0/1
Command bits (C3 to C0)
Address bits (A3 to A0)
Don’t care
Reference setup register
1
X = don’t care.
60
0
10
20
30
40
50
2.498
2.499
2.500
2.501
2.502
VREF (V)
POSTSOLDER
HEAT REFLOW
PRESOLDER
HEAT REFLOW
60
0
10
20
30
40
50
2.498
2.499
2.500
2.501
2.502
VREF (V)
0 HOUR
168 HOURS
500 HOURS
1000 HOURS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com