Electronic Components Datasheet Search
  English  ▼

X  

AD5689R Datasheet(PDF) 11 Page - Analog Devices

Part # AD5689R
Description  Dual, 16-/12-Bit nanoDAC with 2 ppm/째C Reference, SPI Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5689R Datasheet(HTML) 11 Page - Analog Devices

Back Button AD5689R Datasheet HTML 7Page - Analog Devices AD5689R Datasheet HTML 8Page - Analog Devices AD5689R Datasheet HTML 9Page - Analog Devices AD5689R Datasheet HTML 10Page - Analog Devices AD5689R Datasheet HTML 11Page - Analog Devices AD5689R Datasheet HTML 12Page - Analog Devices AD5689R Datasheet HTML 13Page - Analog Devices AD5689R Datasheet HTML 14Page - Analog Devices AD5689R Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
Data Sheet
AD5689R/AD5687R
Rev. 0 | Page 11 of 28
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 8. Internal Reference Voltage vs. Temperature (Grade B)
Figure 9. Internal Reference Voltage vs. Temperature (Grade A)
Figure 10. Reference Output Temperature Drift Histogram
Figure 11. Reference Long-Term Stability/Drift
Figure 12. Internal Reference Noise Spectral Density vs. Frequency
Figure 13. Internal Reference Noise, 0.1 Hz to 10 Hz
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
DEVICE 1
DEVICE 2
DEVICE 3
DEVICE 4
DEVICE 5
2.4980
2.4985
2.4990
2.4995
2.5000
2.5005
2.5010
2.5015
2.5020
VDD = 5V
–40
–20
0
20
40
60
80
120
100
TEMPERATURE (°C)
DEVICE 1
DEVICE 2
DEVICE 3
DEVICE 4
DEVICE 5
2.4980
2.4985
2.4990
2.4995
2.5000
2.5005
2.5010
2.5015
2.5020
VDD = 5V
90
0
10
20
30
40
50
60
70
80
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
TEMPERATURE DRIFT (ppm/°C)
VDD = 5V
60
0
10
20
30
40
50
2.498
2.499
2.500
2.501
2.502
VREF (V)
0 HOUR
168 HOURS
500 HOURS
1000 HOURS
VDD = 5.5V
1600
0
200
400
600
800
1000
1200
1400
10
100
1k
10k
100k
1M
FREQUENCY (MHz)
VDD = 5V
TA = 25°C
CH1 10µV
M1.0s
A CH1
160mV
1
T
VDD = 5V
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com