Electronic Components Datasheet Search
  English  ▼

X  

AD5689R Datasheet(PDF) 23 Page - Analog Devices

Part # AD5689R
Description  Dual, 16-/12-Bit nanoDAC with 2 ppm/째C Reference, SPI Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5689R Datasheet(HTML) 23 Page - Analog Devices

Back Button AD5689R Datasheet HTML 19Page - Analog Devices AD5689R Datasheet HTML 20Page - Analog Devices AD5689R Datasheet HTML 21Page - Analog Devices AD5689R Datasheet HTML 22Page - Analog Devices AD5689R Datasheet HTML 23Page - Analog Devices AD5689R Datasheet HTML 24Page - Analog Devices AD5689R Datasheet HTML 25Page - Analog Devices AD5689R Datasheet HTML 26Page - Analog Devices AD5689R Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
Data Sheet
AD5689R/AD5687R
Rev. 0 | Page 23 of 28
LOAD DAC (HARDWARE LDAC PIN)
The AD5689R/AD5687R DACs have double buffered interfaces
consisting of two banks of registers: input registers and DAC
registers. The user can write to any combination of the input
registers. Updates to the DAC register are controlled by
the LDAC pin.
Figure 48. Simplified Diagram of Input Loading Circuitry for a Single DAC
Instantaneous DAC Updating (LDAC Held Low)
LDAC is held low while data is clocked into the input register
using Command 0001. Both the addressed input register and
the DAC register are updated on the rising edge of SYNC, and
then the output begins to change (see Table 14 and Table 15).
Deferred DAC Updating (LDAC Pulsed Low)
LDAC is held high while data is clocked into the input register
using Command 0001. Both DAC outputs are asynchronously
updated by taking LDAC low after SYNC is taken high. The
update then occurs on the falling edge of LDAC.
LDAC MASK REGISTER
Command 0101 is reserved for a software LDAC mask function,
which allows the address bits to be ignored. A write to the DAC,
using Command 0101, loads the 4-bit LDAC mask register (DB3
to DB0). The default setting for each channel is 0; that is,
the LDAC pin works normally. Setting the selected bit to 1 forces
the DAC channel to ignore transitions on the LDAC pin,
regardless of the state of the hardware LDAC pin. This
flexibility is useful in applications where the user wishes to
select which channels respond to the LDAC pin.
The LDAC mask register gives the user extra flexibility and control
over the hardware LDAC pin (see Table 13). Setting an LDAC
bit (DB3, DB0) to 0 for a DAC channel means that the update
of this channel is controlled by the hardware LDAC pin.
Table 13. LDAC Overwrite Definition
Load LDAC Register
LDAC Bits
(DB3, DB0)
LDAC Pin
LDAC Operation
0
1 or 0
Determined by the LDAC pin.
1
X1
DAC channels update and override
the LDAC pin. DAC channels see
the LDAC pin as set to 1.
1
X = don’t care.
Table 14. 24-Bit Input Shift Register Contents for LDAC Operation1
DB23
(MSB)
DB22
DB21
DB20
DB19
DB18
DB17
DB16
DB15 to DB4
DB3
DB2
DB1
DB0
(LSB)
0
0
0
1
X
X
X
X
X
DAC B
0
0
DAC A
Command bits (C3 to C0)
Address bits, don’t care
Don’t care
Setting the LDAC bit to 1 overrides the LDAC pin
1
X = don’t care.
Table 15. Write Commands and LDAC Pin Truth Table1
Command
Description
Hardware LDAC
Pin State
Input Register Contents
DAC Register Contents
0001
Write to Input Register n
(dependent on LDAC)
VLOGIC
Data update
No change (no update)
GND2
Data update
Data update
0010
Update DAC Register n with
contents of Input Register n
VLOGIC
No change
Updated with input register contents
GND
No change
Updated with input register contents
0011
Write to and update DAC Channel n
VLOGIC
Data update
Data update
GND
Data update
Data update
1
A high-to-low hardware LDAC pin transition always updates the contents of the DAC register with the contents of the input register on channels that are not masked
(blocked) by the LDAC mask register.
2
When the LDAC pin is permanently tied low, the LDAC mask bits are ignored.
SYNC
SCLK
VOUTX
DAC
REGISTER
INTERFACE
LOGIC
OUTPUT
AMPLIFIER
LDAC
SDO
SDIN
VREF
INPUT
REGISTER
16-/12-BIT
DAC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com