Electronic Components Datasheet Search
  English  ▼

X  

AD5689R Datasheet(PDF) 18 Page - Analog Devices

Part # AD5689R
Description  Dual, 16-/12-Bit nanoDAC with 2 ppm/째C Reference, SPI Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5689R Datasheet(HTML) 18 Page - Analog Devices

Back Button AD5689R Datasheet HTML 14Page - Analog Devices AD5689R Datasheet HTML 15Page - Analog Devices AD5689R Datasheet HTML 16Page - Analog Devices AD5689R Datasheet HTML 17Page - Analog Devices AD5689R Datasheet HTML 18Page - Analog Devices AD5689R Datasheet HTML 19Page - Analog Devices AD5689R Datasheet HTML 20Page - Analog Devices AD5689R Datasheet HTML 21Page - Analog Devices AD5689R Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
AD5689R/AD5687R
Data Sheet
Rev. 0 | Page 18 of 28
DAC-to-DAC Crosstalk
DAC-to-DAC crosstalk is the glitch impulse transferred to the
output of one DAC due to a digital code change and subsequent
analog output change of another DAC. It is measured by loading
the attack channel with a full-scale code change (all 0s to all 1s
and vice versa), using the write to and update commands while
monitoring the output of the victim channel that is at midscale.
The energy of the glitch is expressed in nV-sec.
Multiplying Bandwidth
The amplifiers within the DAC have a finite bandwidth. The
multiplying bandwidth is a measure of this. A sine wave on the
reference (with full-scale code loaded to the DAC) appears on
the output. The multiplying bandwidth is the frequency at
which the output amplitude falls to 3 dB below the input.
Total Harmonic Distortion (THD)
THD is the difference between an ideal sine wave and its
attenuated version using the DAC. The sine wave is used as the
reference for the DAC, and the THD is a measurement of the
harmonics present on the DAC output. It is measured in dB.
Voltage Reference Temperature Coefficient
Voltage reference TC is a measure of the change in the reference
output voltage with a change in temperature. The reference TC
is calculated using the box method, which defines the TC as the
maximum change in the reference output over a given tempera-
ture range expressed in ppm/°C, as follows;
6
10
×
×
−
=
TempRange
V
V
V
TC
REFnom
REFmin
REFmax
where:
VREFmax is the maximum reference output measured over the
total temperature range.
VREFmin is the minimum reference output measured over the total
temperature range.
VREFnom is the nominal reference output voltage, 2.5 V.
TempRange is the specified temperature range of −40°C to +105°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com