Electronic Components Datasheet Search
  English  ▼

X  

AD5689R Datasheet(PDF) 22 Page - Analog Devices

Part # AD5689R
Description  Dual, 16-/12-Bit nanoDAC with 2 ppm/째C Reference, SPI Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5689R Datasheet(HTML) 22 Page - Analog Devices

Back Button AD5689R Datasheet HTML 18Page - Analog Devices AD5689R Datasheet HTML 19Page - Analog Devices AD5689R Datasheet HTML 20Page - Analog Devices AD5689R Datasheet HTML 21Page - Analog Devices AD5689R Datasheet HTML 22Page - Analog Devices AD5689R Datasheet HTML 23Page - Analog Devices AD5689R Datasheet HTML 24Page - Analog Devices AD5689R Datasheet HTML 25Page - Analog Devices AD5689R Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
AD5689R/AD5687R
Data Sheet
Rev. 0 | Page 22 of 28
READBACK OPERATION
Readback mode is invoked through a software executable read-
back command. If the SDO output is disabled via the daisy-chain
mode disable bit in the control register, it is automatically enabled
for the duration of the read operation, after which it is disabled
again. Command 1001 is reserved for the readback function.
This command, in association with selecting one of the address
bits, DAC B or DAC A, selects the register to be read. Note that
only one DAC register can be selected during readback. The
remaining three address bits (which include the two don’t care bits)
must be set to Logic 0. The remaining data bits in the write
sequence are ignored. If more than one address bit is selected or
no address bit is selected, DAC Channel A is read back by default.
During the next SPI write, the data that appears on the SDO
output contains the data from the previously addressed register.
For example, to read back the DAC register for Channel A,
implement the following sequence:
1. Write 0x900000 to the AD5689R/AD5687R input register.
This setting configures the part for read mode with the
Channel A DAC register selected. Note that all data bits,
DB15 to DB0, are don’t care bits.
2. Follow this write operation with a second write, a NOP
condition, 0x000000. During this write, the data from the
register is clocked out on the SDO line. DB23 to DB20
contain undefined data, and the last 16 bits contain the
DB19 to DB4 DAC register contents.
POWER-DOWN OPERATION
The AD5689R/AD5687R contain three separate power-down
modes. Command 0100 controls the power-down function (see
Table 9). These power-down modes are software-programmable
by setting eight bits, Bit DB7 to Bit DB0, in the input shift register.
There are two bits associated with each DAC channel. Table 11
explains how the state of the two bits corresponds to the mode of
operation of the device.
Either or both DACs (DAC B, DAC A) can be powered down to
the selected mode by setting the corresponding bits. See Table 12
for the contents of the input shift register during the power-down/
power-up operation.
Table 11. Modes of Operation
Operating Mode
PDx1
PDx0
Normal Operation Mode
0
0
Power-Down Modes
1 kΩ to GND
0
1
100 kΩ to GND
1
0
Three-State
1
1
When both Bit PDx1 and Bit PDx0 (where x is the channel that is
selected) in the input shift register are set to 0, the parts work
normally, with a normal power consumption of 4 mA at 5 V.
However, for the three power-down modes of the AD5689R/
AD5687R, the supply current falls to 4 μA at 5 V. Not only does
the supply current fall, but the output stage is also internally
switched from the output of the amplifier to a resistor network
of known values. This switchover has the advantage that the output
impedance of the part is known while the part is in power-down
mode. The three power-down options are as follows:
•
The output is connected internally to GND through a 1 kΩ
resistor.
•
The output is connected internally to GND through a 100 kΩ
resistor.
•
The output is left open-circuited (three-state).
The output stage is illustrated in Figure 47.
Figure 47. Output Stage During Power-Down
The bias generator, output amplifier, resistor string, and other
associated linear circuitry are shut down when the power-down
mode is activated. However, the contents of the DAC register
are unaffected when in power-down, and the DAC register can
be updated while the device is in power-down mode. The time
that is required to exit power-down is typically 4.5 µs for VDD = 5 V.
To further reduce the current consumption, the on-chip reference
can be powered off (see the Internal Reference Setup section).
Table 12. 24-Bit Input Shift Register Contents of Power-Down/Power-Up Operation1
DB23
(MSB)
DB22
DB21
DB20
DB19 to DB16
DB15 to DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
(LSB)
0
1
0
0
X
X
PDB1
PDB0
1
1
1
1
PDA1
PDA0
Command bits (C3 to C0)
Address bits; don’t care
Power-down,
select DAC B
Set to 1
Set to 1
Power-down,
select DAC A
1
X = don’t care.
RESISTOR
NETWORK
VOUTX
DAC
POWER-DOWN
CIRCUITRY
AMPLIFIER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com