Electronic Components Datasheet Search
  English  ▼

X  

ADP1190 Datasheet(PDF) 6 Page - Analog Devices

Part # ADP1190
Description  Integrated 500 mA Load Switch with Quad Signal Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1190 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADP1190 Datasheet HTML 2Page - Analog Devices ADP1190 Datasheet HTML 3Page - Analog Devices ADP1190 Datasheet HTML 4Page - Analog Devices ADP1190 Datasheet HTML 5Page - Analog Devices ADP1190 Datasheet HTML 6Page - Analog Devices ADP1190 Datasheet HTML 7Page - Analog Devices ADP1190 Datasheet HTML 8Page - Analog Devices ADP1190 Datasheet HTML 9Page - Analog Devices ADP1190 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
ADP1190
Data Sheet
Rev. 0 | Page 6 of 12
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 1.8 V, VEN = VIN, CIN = COUT = 1 µF, TA = 25°C, unless otherwise noted.
Figure 4. Load Switch RDSON vs. Input Voltage (VIN), Different Load Currents
Figure 5. Load Switch RDSON vs. Temperature, Different Load Currents,
VIN = 1.8 V
Figure 6. Load Switch RDSON vs. Temperature, Different Load Currents,
VIN = 3.6 V
Figure 7. Load Switch Voltage Drop vs. Load Current,
Different Input Voltages
Figure 8. Ground Current vs. Input Voltage, Different Load Currents
Figure 9. Ground Current vs. Temperature, Different Load Currents,
VIN = 1.8 V
1.2
3.6
3.2
2.8
2.4
2.0
1.6
VIN (V)
0
0.02
0.04
0.06
0.08
0.10
0.12
0.14
5mA
10mA
50mA
100mA
250mA
500mA
–40
–5
25
55
85
TEMPERATURE (°C)
0
0.02
0.04
0.06
0.08
0.10
0.12
10mA
50mA
100mA
250mA
500mA
–40
–5
25
55
85
TEMPERATURE (°C)
0
0.02
0.04
0.06
0.08
0.09
0.01
0.03
0.05
0.07
10mA
50mA
100mA
250mA
500mA
10
100
1000
ILOAD (mA)
0
0.02
0.04
0.06
0.07
0.01
0.03
0.05
1.4V
1.5V
1.6V
1.8V
2.0V
2.4V
2.8V
3.0V
3.3V
3.6V
1.2
2.4
3.6
2.0
3.2
1.6
2.8
VIN (V)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
5mA
10mA
50mA
100mA
250mA
500mA
–40
–5
25
55
85
TEMPERATURE (°C)
0
0.2
0.1
0.3
0.4
0.5
0.6
0.7
10mA
50mA
100mA
250mA
500mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com