Electronic Components Datasheet Search
  English  ▼

X  

ADP1190 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP1190
Description  Integrated 500 mA Load Switch with Quad Signal Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1190 Datasheet(HTML) 1 Page - Analog Devices

  ADP1190 Datasheet HTML 1Page - Analog Devices ADP1190 Datasheet HTML 2Page - Analog Devices ADP1190 Datasheet HTML 3Page - Analog Devices ADP1190 Datasheet HTML 4Page - Analog Devices ADP1190 Datasheet HTML 5Page - Analog Devices ADP1190 Datasheet HTML 6Page - Analog Devices ADP1190 Datasheet HTML 7Page - Analog Devices ADP1190 Datasheet HTML 8Page - Analog Devices ADP1190 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Integrated 500 mA Load Switch
with Quad Signal Switch
Data Sheet
ADP1190
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Low input voltage range: 1.4 V to 3.6 V
Power switch: low RDSON of 60 mΩ at 3.6 V, with active
discharge
4 normally open SPST signal switches: RDSON of 2 Ω at 1.8 V
with active pull-down on one side
500 mA continuous operating current
Built-in level shift for control logic that can be operated
by 1.2 V logic
Ultralow shutdown current: <0.7 μA
Ultrasmall 1.2 mm × 1.6 mm × 0.5 mm, 12-ball, 0.4 mm
pitch WLCSP
APPLICATIONS
Mobile phones
SIM card disconnect switches
Digital cameras and audio devices
Portable and battery-powered equipment
FUNCTIONAL BLOCK DIAGRAM
Figure 1.
GENERAL DESCRIPTION
The ADP1190 is an integrated high-side load switch with four
signal switches, designed for operation from 1.4 V to 3.6 V.
This load switch provides power domain isolation for extended
power battery life. The load switch is a low on-resistance
P-channel MOSFET that supports up to 500 mA of continuous
load current and minimizes power loss. Integrated with the load
switch are four normally open 2 Ω SPST signal switches.
Aside from its excellent operating performance, the ADP1190
occupies minimal printed circuit board (PCB) space with an
area less than 1.92 mm2 and a height of 0.50 mm. The ADP1190
is available in an ultrasmall 1.2 mm × 1.6 mm, 12-ball, 0.4 mm
pitch WLCSP.
4MΩ
T1
S1
P
N
T2
S2
P
N
T3
S3
P
N
T4
GND
OUT
S4
P
N
EN
5ms
DEBOUNCE
IN
OFF
ON
LOAD SWITCH


Similar Part No. - ADP1190

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1190A AD-ADP1190A Datasheet
290Kb / 12P
Integrated 500 mA Load Switch with Quad Signal Switch
9/13-Revision 0
ADP1190AACBZ-R7 AD-ADP1190AACBZ-R7 Datasheet
290Kb / 12P
Integrated 500 mA Load Switch with Quad Signal Switch
9/13-Revision 0
More results

Similar Description - ADP1190

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDC6325L FAIRCHILD-FDC6325L Datasheet
98Kb / 5P
Integrated Load Switch
FDC6329L FAIRCHILD-FDC6329L Datasheet
282Kb / 7P
Integrated Load Switch
FDC6330L FAIRCHILD-FDC6330L Datasheet
185Kb / 7P
Integrated Load Switch
FDC6331L FAIRCHILD-FDC6331L Datasheet
57Kb / 4P
Integrated Load Switch
FDG6324L FAIRCHILD-FDG6324L Datasheet
173Kb / 7P
Integrated Load Switch
SI3861DV FAIRCHILD-SI3861DV Datasheet
120Kb / 4P
Integrated Load Switch
FDG6342L FAIRCHILD-FDG6342L Datasheet
1Mb / 4P
Integrated Load Switch
FDZ2040L FAIRCHILD-FDZ2040L Datasheet
738Kb / 11P
Integrated Load Switch
logo
ON Semiconductor
FDC6329L ONSEMI-FDC6329L Datasheet
427Kb / 4P
Integrated Load Switch
October-2017, Rev. 3
logo
Analog Devices
ADP1190A AD-ADP1190A Datasheet
290Kb / 12P
Integrated 500 mA Load Switch with Quad Signal Switch
9/13-Revision 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com