Electronic Components Datasheet Search
  English  ▼

X  

ADP1190 Datasheet(PDF) 9 Page - Analog Devices

Part # ADP1190
Description  Integrated 500 mA Load Switch with Quad Signal Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1190 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADP1190 Datasheet HTML 4Page - Analog Devices ADP1190 Datasheet HTML 5Page - Analog Devices ADP1190 Datasheet HTML 6Page - Analog Devices ADP1190 Datasheet HTML 7Page - Analog Devices ADP1190 Datasheet HTML 8Page - Analog Devices ADP1190 Datasheet HTML 9Page - Analog Devices ADP1190 Datasheet HTML 10Page - Analog Devices ADP1190 Datasheet HTML 11Page - Analog Devices ADP1190 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Data Sheet
ADP1190
Rev. 0 | Page 9 of 12
THEORY OF OPERATION
The ADP1190 is a high-side load switch integrated with four
signal switches. The load switch and signal switches are turned
on by a low signal on the EN pin. A 4 MΩ pull-up resistor on
this pin allows it to be driven by an open-collector or mechani-
cal switch. When the part is disabled, the T1 to T4 pins are
actively pulled down with a nominal resistance of 215 Ω. There
is a 5 ms debounce counter on EN for use with a mechanical
EN switch. That is, EN must be held low for 5 ms before the
part is enabled. If EN transitions high before this timeout, the
counter is reset and starts a new 5 ms count.
The signal path is controlled by a PMOS/NMOS transmission
gate with an on resistance of 2 Ω. Break-before-make logic
control ensures that the active pull-down is off before the signal
path is enabled.
In addition to these features, the ADP1190 occupies minimal
printed circuit board (PCB) space with an area less than
1.92 mm2 and a height of 0.50 mm. The ADP1190 is available in
an ultrasmall 1.2 mm × 1.6 mm, 12-ball, 0.4 mm pitch WLCSP.
Figure 21. Block Diagram with ESD Protection Devices
4MΩ
T1
S1
P
N
T2
S2
P
N
T3
S3
P
N
T4
GND
OUT
S4
P
N
EN
5ms
DEBOUNCE
IN
OFF
ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com