Electronic Components Datasheet Search
  English  ▼

X  

ADP1190 Datasheet(PDF) 11 Page - Analog Devices

Part # ADP1190
Description  Integrated 500 mA Load Switch with Quad Signal Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1190 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADP1190 Datasheet HTML 4Page - Analog Devices ADP1190 Datasheet HTML 5Page - Analog Devices ADP1190 Datasheet HTML 6Page - Analog Devices ADP1190 Datasheet HTML 7Page - Analog Devices ADP1190 Datasheet HTML 8Page - Analog Devices ADP1190 Datasheet HTML 9Page - Analog Devices ADP1190 Datasheet HTML 10Page - Analog Devices ADP1190 Datasheet HTML 11Page - Analog Devices ADP1190 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Data Sheet
ADP1190
Rev. 0 | Page 11 of 12
OUTLINE DIMENSIONS
Figure 24. 12-Ball Wafer Level Chip Scale Package [WLCSP]
(CB-12-10)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
Branding
ADP1190ACBZ-R7
−40°C to +85°C
12-Ball Wafer Level Chip Scale Package [WLCSP]
CB-12-10
LNE
1
Z = RoHS Compliant Part.
A
B
C
D
0.560
0.500
0.440
1.24
1.20
1.16
1.64
1.60
1.56
1
2
3
BOTTOM VIEW
(BALL SIDE UP)
TOP VIEW
(BALL SIDE DOWN)
END VIEW
0.300
0.260
0.220
1.20
REF
0.80
REF
0.40
BSC
BALL A1
IDENTIFIER
SEATING
PLANE
0.230
0.200
0.170
0.330
0.300
0.270
COPLANARITY
0.04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com