Electronic Components Datasheet Search
  English  ▼

X  

Z86C30 Datasheet(PDF) 29 Page - Zilog, Inc.

Part # Z86C30
Description  General-Purpose Register File. Flexible I/O. Analog Inputs
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C30 Datasheet(HTML) 29 Page - Zilog, Inc.

Back Button Z86C30 Datasheet HTML 25Page - Zilog, Inc. Z86C30 Datasheet HTML 26Page - Zilog, Inc. Z86C30 Datasheet HTML 27Page - Zilog, Inc. Z86C30 Datasheet HTML 28Page - Zilog, Inc. Z86C30 Datasheet HTML 29Page - Zilog, Inc. Z86C30 Datasheet HTML 30Page - Zilog, Inc. Z86C30 Datasheet HTML 31Page - Zilog, Inc. Z86C30 Datasheet HTML 32Page - Zilog, Inc. Z86C30 Datasheet HTML 33Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 348 page
background image
Z8 CPU
User Manual
UM001602-0904
Address Space
11
registers are known as Working Registers. A Register Pointer (one of the
control registers, FDh) contains the base address of the active Working
Register Group. The high nibble of the Register Pointer determines the
current Working Register Group.
When accessing one of the Working Registers, the 4-bit address of the
Working Register is combined within the upper four bits (high nibble) of
the Register Pointer, thus forming the 8-bit actual address. Figure 4 illus-
trates this operation. Because working registers are typically specified by
short format instructions, there are fewer bytes of code required, which
reduces execution time. In addition, when processing interrupts or chang-
ing tasks, the Register Pointer speeds context switching. A special Set
Register Pointer (SRP) instruction sets the contents of the Register
Pointer.
Table 3. Working Register Groups
Register Pointer
(FDh) High Nibble
Working Register
Group (Hex)
Actual Registers
(Hex)
1111b
F
F0–FF
1110b
E
E0–EF
1101b
D
D0–DF
1100b
C
C0–CF
1011b
B
B0–BF
1010b
A
A0–AF
1001b
9
90–9F
1000b
8
80–8F
0111b
7
70–7F
0110b
6
60–6F
0101b
5
50–5F
0100b
4
40–4F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com