Electronic Components Datasheet Search
  English  ▼

X  

AD608AR Datasheet(PDF) 6 Page - Analog Devices

Part # AD608AR
Description  Low Power Mixer/Limiter/RSSI 3 V Receiver IF Subsystem
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD608AR Datasheet(HTML) 6 Page - Analog Devices

Back Button AD608AR Datasheet HTML 2Page - Analog Devices AD608AR Datasheet HTML 3Page - Analog Devices AD608AR Datasheet HTML 4Page - Analog Devices AD608AR Datasheet HTML 5Page - Analog Devices AD608AR Datasheet HTML 6Page - Analog Devices AD608AR Datasheet HTML 7Page - Analog Devices AD608AR Datasheet HTML 8Page - Analog Devices AD608AR Datasheet HTML 9Page - Analog Devices AD608AR Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AD608
Rev. C | Page 6 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
RF FREQUENCY (MHz)
25.0
23.5
22.0
500
50
0
100
150
200
250
300
350
400
450
24.5
24.0
23.0
22.5
Figure 3. Mixer Conversion Gain vs. RF Frequency
IF FREQUENCY (MHz)
0
–8
80
10
0
20
30
40
50
60
70
–1
–4
–5
–6
–7
–2
–3
Figure 4. Mixer IF Port Bandwidth
INPUT POWER AT IFHI (dBm)
3.0
0
10
–70
–80
–60
–50
–40
0
–20
–10
–30
2.5
2.0
1.5
1.0
0.5
5V
3V
Figure 5. IF RSSI Output vs. Input Power at IFHI and Supply Voltage,
Ambient Temperature (See Figure 15)
INPUT POWER (dBm)
3.0
0
2.5
2.0
1.5
1.0
0.5
+85°C
+25°C
–25°C
10
–70
–80
–60
–50
–40
0
–20
–10
–30
Figure 6. IF RSSI Output vs. Input Power and Temperature,
3 V Supply (See Figure 15)
INPUT POWER (dBm)
4
–4
10
–80
–70
–50
0
–60
–40
–20
–10
–30
3
0
–1
–2
–3
2
1
5V
3V
Figure 7. RSSI Error vs. Input Power
(See Figure 15)
100ns/DIV
800mV/DIV
100ns/DIV
1V/DIV
Figure 8. RSSI Power-Up Response
(See Figure 19)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com