Electronic Components Datasheet Search
  English  ▼

X  

AD608AR Datasheet(PDF) 8 Page - Analog Devices

Part # AD608AR
Description  Low Power Mixer/Limiter/RSSI 3 V Receiver IF Subsystem
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD608AR Datasheet(HTML) 8 Page - Analog Devices

Back Button AD608AR Datasheet HTML 4Page - Analog Devices AD608AR Datasheet HTML 5Page - Analog Devices AD608AR Datasheet HTML 6Page - Analog Devices AD608AR Datasheet HTML 7Page - Analog Devices AD608AR Datasheet HTML 8Page - Analog Devices AD608AR Datasheet HTML 9Page - Analog Devices AD608AR Datasheet HTML 10Page - Analog Devices AD608AR Datasheet HTML 11Page - Analog Devices AD608AR Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AD608
Rev. C | Page 8 of 16
TEST CIRCUITS
PRUP INPUT
VPOS
51.1Ω
51.1Ω
0.1µF
1nF
1nF
332Ω
0.1µF
332Ω
301Ω
54.9Ω
IF INPUT
0.1µF
10nF
RSSI OUTPUT
100Ω
18nF
0.1µF
LMOP OUTPUT
TRIGGER
4.7kΩ
U1 – 74HC00
0.1µF
U1A
U1B
47kΩ
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
AD608
VPS1
COM1
RFHI
RFLO
MXOP
LOHI
COM2
VMID
PRUP
LMOP
COM3
RSSI
IFLO
VPS2
FDBK
IFHI
Figure 14. IF Test Board Schematic
IFHI
VPOS
RSSI
IF TEST BOARD
10.7MHz
FLUKE 6082A
SYNTHESIZER
DCPS
DC POWER
SUPPLY
(DCPS)
3V
AGILENT
HP3366A
DMM
DIGITAL
MULTIMETER
(DMM)
AGILENT
HP34401A
Figure 15. Test Circuit for IF RSSI Output vs. Input Power at IFHI and Supply
Voltage, Ambient Temperature (Figure 5); IF RSSI Output vs. Input Power and
Temperature, 3 V Supply (Figure 6); and RSSI Error vs. Input Power (Figure 7)
IFHI
VPOS
RSSI
IF TEST BOARD
AGILENT
HP3366A
FET
PROBE
TEKRONIX
P6201
CH 1
CH 2
COUPLER
MCL
ZDC-20-1
AGILENT
HP54120A
DIGITAL
OSCILLOSCOPE
3V
DCPS
10.7MHz
0dBm
FLUKE 6082A
SYNTHESIZER
Figure 16. Test Circuit for RSSI Pulse Response/RSSI Rise Time (Figure 9)
IFHI
VPOS
LMOP
IF TEST BOARD
3V
AGILENT
HP3366A
TEKRONIX
P6201
PRUP
CH 1
CH 2
AGILENT
HP54120A
DIGITAL
OSCILLOSCOPE
DCPS
10.7MHz
0dBm
FLUKE 6082A
SYNTHESIZER
FET
PROBE
Figure 17. Test Circuit for Limiter Power-Up Response Time (Figure 11)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
AD608
VPS1
COM1
RFHI
RFLO
MXOP
LOHI
COM2
VMID
PRUP
LMOP
COM3
RSSI
IFLO
VPS2
FDBK
IFHI
VPOS
LO INPUT
RF INPUT
IF OUTPUT
NC
NC
0.1µF
1nF
51.1Ω
1nF
332Ω
301Ω
0.1µF
54.9Ω
51.1Ω
1nF
0.1µF
332Ω
10nF
100Ω
18nF
18nF
47kΩ
NC = NO CONNECT
Figure 18. Mixer Test Board Schematic
IFHI
VPOS
RSSI
IF TEST BOARD
10.7MHz
0dBm
FLUKE 6082A
SYNTHESIZER
DCPS
AGILENT
HP3366A
FET
PROBE
TEKRONIX
P6201
PRUP
CH 1
CH 2
AGILENT
HP54120A
DIGITAL
OSCILLOSCOPE
3V
Figure 19. Test Circuit for RSSI Power-Up Response (Figure 8)
IFHI
VPOS
LMOP
IF TEST BOARD
10.7MHz
0dBm
FLUKE 6082A
SYNTHESIZER
DCPS
AGILENT
HP3366A
FET
PROBE
TEKRONIX
P6201
AGILENT
HP54120A
DIGITAL
OSCILLOSCOPE
3V
Figure 20. Test Circuit for Limiter Rise and Fall Times (Figure 10)
IFHI
RSSI
IF TEST BOARD
10.7MHz
FLUKE 6082A
SYNTHESIZER
DCPS
3V
AGILENT
HP3366A
FET
PROBE
TEKTRONIX
P6201
CH 1
TRIG
AGILENT
HP54120A
DIGITAL
OSCILLOSCOPE
MCL
ZDC-20-1
BPF
AGILENT
HP8447A
AGILENT
HP8494A
HP8495A
280kHz BW
10.7MHz CF
TOKO SK107MK1-A0-10
COUPLER
Figure 21. Test Circuit for Limiter Phase Performance vs. Input Power at IFHI
(Figure 12) and Limiter RMS Jitter Performance vs. Input Power at IFHI (Figure 13)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com