Electronic Components Datasheet Search
  English  ▼

X  

AD608AR Datasheet(PDF) 1 Page - Analog Devices

Part # AD608AR
Description  Low Power Mixer/Limiter/RSSI 3 V Receiver IF Subsystem
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD608AR Datasheet(HTML) 1 Page - Analog Devices

  AD608AR Datasheet HTML 1Page - Analog Devices AD608AR Datasheet HTML 2Page - Analog Devices AD608AR Datasheet HTML 3Page - Analog Devices AD608AR Datasheet HTML 4Page - Analog Devices AD608AR Datasheet HTML 5Page - Analog Devices AD608AR Datasheet HTML 6Page - Analog Devices AD608AR Datasheet HTML 7Page - Analog Devices AD608AR Datasheet HTML 8Page - Analog Devices AD608AR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Low Power Mixer/Limiter/RSSI
3 V Receiver IF Subsystem
AD608
Rev. C
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©1996–2009 Analog Devices, Inc. All rights reserved.
FEATURES
Mixer
−15 dBm, 1 dB compression point
−5 dBm IP3
24 dB conversion gain
>500 MHz input bandwidth
Logarithmic/limiting amplifier
80 dB RSSI range
±3° phase stability over 80 dB range
Low power
21 mW at 3 V power consumption
CMOS-compatible power-down to 300 μW typical
200 ns enable/disable time
APPLICATIONS
PHS, GSM, TDMA, FM, or PM receivers
Battery-powered instrumentation
Base station RSSI measurements
GENERAL DESCRIPTION
The AD608 provides a low power, low distortion, low noise mixer
as well as a complete, monolithic logarithmic/limiting amplifier
that uses a successive-detection technique. In addition, the AD608
provides both a high speed received signal strength indicator
(RSSI) output with 80 dB dynamic range and a hard-limited
output. The RSSI output is from a two-pole postdemodulation
low-pass filter and provides a loadable output voltage of 0.2 V to
1.8 V. The AD608 operates from a single 2.7 V to 5.5 V supply
at a typical power level of 21 mW at 3 V.
The RF and local oscillator (LO) bandwidths both exceed
500 MHz. In a typical IF application, the AD608 can accept the
output of a 240 MHz surface acoustic wave (SAW) filter and down-
convert it to a nominal 10.7 MHz IF with a conversion gain of
24 dB (ZIF = 165 Ω). The AD608 logarithmic/limiting amplifier
section handles any IF from low frequency (LF) up to 30 MHz.
The mixer is a doubly balanced gilbert-cell mixer and operates
linearly for RF inputs spanning −95 dBm to −15 dBm. It has a
nominal −5 dBm third-order intercept. An on-board LO pre-
amplifier requires only −16 dBm of LO drive. The current output
of the mixer drives a reverse-terminated, industry-standard
10.7 MHz, 330 Ω filter.
The nominal logarithmic scaling is such that the output is +0.2 V
for a sinusoidal input to the IF amplifier of −75 dBm and +1.8 V
at an input of +5 dBm; over this range, the logarithmic confor-
mance is typically ±1 dB. The logarithmic slope is proportional
to the supply voltage. A feedback loop automatically nulls the
input offset of the first stage down to the submicrovolt level.
The AD608 limiter output provides a hard-limited signal output
at 400 mV p-p. The voltage gain of the limiting amplifier to this
output is more than 100 dB. Transition times are 11 ns and the
phase is stable to within ±3° at 10.7 MHz for signals from −75 dBm
to +5 dBm.
The AD608 is enabled by a CMOS logic-level voltage input,
with a response time of 200 ns. When disabled, the standby
power is reduced to 300 μW within 400 ns.
The AD608 is specified for the industrial temperature range of
−25°C to +85°C for 2.7 V to 5.5 V supplies and −40°C to +85°C for
3.0 V to 5.5 V supplies. This device comes in a 16-lead plastic SOIC.
FUNCTIONAL BLOCK DIAGRAM
24dB MIXER GAIN
110dB LIMITER GAIN
90dB RSSI
BIAS
MXOP
MIXER
BPF
DRIVER
VMID
LO
PREAMP
AD608
RFHI
RFLO
IF INPUT
–75dBm TO
+15dBm2
IFHI
IFLO
LMOP
VPS2
RSSI
FDBK
COM3
FINAL
LIMITER
100nF
10nF
330Ω
±50µA
330Ω
MIDSUPPLY
IF BIAS
LIMITER
OUTPUT
400mV p-p
PRUP
RF INPUT
–95dBm TO
–15dBm1
VPS1 COM1
COM2
LOHI
RSSI OUTPUT
20mV/dB
0.2V TO 1.8V
3dB NOMINAL
INSERTION LOSS
+2.7V TO 5.5V
5-STAGE IF AMPLIFIER
(16dB PER STAGE)
7 FULL-WAVE
RECTIFIER CELLS
2.7V TO
5.5V
LO INPUT
–16dBm
CMOS LOGIC
INPUT
±6mA MAX OUTPUT
(±890mV INTO 165Ω)
100Ω
18nF
1–15dBm = ±56mV MAXIMUM FOR LINEAR OPERATION.
239.76µV RMS TO 397.6mV RMS FOR ±1dB RSSI ACCURACY.
2MHz
LPF
10.7MHz
BAND-PASS
FILTER
5
6
1
2
3
4
16
8
7
10
13
9
15
14
12
11
+
Figure 1.


Similar Part No. - AD608AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD608AR AD-AD608AR Datasheet
196Kb / 12P
Low Power Mixer/Limiter/RSSI 3 V Receiver IF Subsystem
More results

Similar Description - AD608AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD607 AD-AD607 Datasheet
510Kb / 24P
Low Power Mixer/AGC/RSSI 3 V Receiver IF Subsystem
AD608 AD-AD608 Datasheet
196Kb / 12P
Low Power Mixer/Limiter/RSSI 3 V Receiver IF Subsystem
AD6458 AD-AD6458 Datasheet
268Kb / 12P
GSM 3 V Receiver IF Subsystem
AD6459 AD-AD6459 Datasheet
314Kb / 12P
GSM 3 V Receiver IF Subsystem
AD61009 AD-AD61009 Datasheet
261Kb / 24P
Low Power Mixer 3 V Receiver IF Subsystem
REV.0
logo
Maxim Integrated Produc...
MAX2511 MAXIM-MAX2511_97 Datasheet
126Kb / 16P
Low-Voltage IF Transceiver with Limiter and RSSI
Rev 0; 10/97
logo
Analog Devices
AD607ARSZ AD-AD607ARSZ Datasheet
1Mb / 24P
Low Power Mixer 3 V Receiver IF Subsystem
REV. C
AD607 AD-AD607_15 Datasheet
1Mb / 24P
Low Power Mixer 3 V Receiver IF Subsystem
REV. C
AD608 AD-AD608_15 Datasheet
326Kb / 16P
Low Power Mixer/Limiter/RSSI 3 V Receiver IF Subsystem
REV. C
AD61009 AD-AD61009_15 Datasheet
262Kb / 24P
Low Power Mixer 3 V Receiver IF Subsystem
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com