Electronic Components Datasheet Search
  English  ▼

X  

AD608AR Datasheet(PDF) 7 Page - Analog Devices

Part # AD608AR
Description  Low Power Mixer/Limiter/RSSI 3 V Receiver IF Subsystem
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD608AR Datasheet(HTML) 7 Page - Analog Devices

Back Button AD608AR Datasheet HTML 3Page - Analog Devices AD608AR Datasheet HTML 4Page - Analog Devices AD608AR Datasheet HTML 5Page - Analog Devices AD608AR Datasheet HTML 6Page - Analog Devices AD608AR Datasheet HTML 7Page - Analog Devices AD608AR Datasheet HTML 8Page - Analog Devices AD608AR Datasheet HTML 9Page - Analog Devices AD608AR Datasheet HTML 10Page - Analog Devices AD608AR Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AD608
Rev. C | Page 7 of 16
200mV/DIV
800mV/DIV
50ns/DIV
Figure 9. RSSI Pulse Response/RSSI Rise Time
(See Figure 16)
20ns/DIV
60mV/DIV
Figure 10. Limiter Rise and Fall Times
(See Figure 20)
220mV/DIV
100ns/DIV
100ns/DIV
1V/DIV
Figure 11. Limiter Power-Up Response Time
(See Figure 17)
INPUT POWER AT IFHI (dBm)
5
–5
4
–1
–2
–3
–4
3
2
0
1
10
–80
–70
–50
0
–60
–40
–20
–10
–30
Figure 12. Limiter Phase Performance vs. Input Power at IFHI
(See Figure 21)
INPUT POWER AT IFHI (dBm)
10
0
9
4
3
2
1
8
7
5
6
10
–80
–70
–50
0
–60
–40
–20
–10
–30
Figure 13. Limiter RMS Jitter Performance vs. Input Power at IFHI
(See Figure 21)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com