Electronic Components Datasheet Search
  English  ▼

X  

X00619 Datasheet(PDF) 1 Page - STMicroelectronics

Part # X00619
Description  0.8 A sensitive gate SCR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

X00619 Datasheet(HTML) 1 Page - STMicroelectronics

  X00619 Datasheet HTML 1Page - STMicroelectronics X00619 Datasheet HTML 2Page - STMicroelectronics X00619 Datasheet HTML 3Page - STMicroelectronics X00619 Datasheet HTML 4Page - STMicroelectronics X00619 Datasheet HTML 5Page - STMicroelectronics X00619 Datasheet HTML 6Page - STMicroelectronics X00619 Datasheet HTML 7Page - STMicroelectronics X00619 Datasheet HTML 8Page - STMicroelectronics X00619 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
This is information on a product in full production.
May 2012
Doc ID 15755 Rev 2
1/10
10
X00619
0.8 A sensitive gate SCR
Datasheet
− production data
Features
■
IT(RMS) = 0.8 A
■
VDRM, VRRM = 600 V
■
IGT = 30 to 200 µA
Applications
■
Limited gate current topologies
■
Ground fault circuit interrupters
■
Overvoltage crowbar protection in power
supplies
■
Protection in electronic ballasts
■
Capacitive discharge ignitions
■
Ignitors (lighting, oven...)
Description
The X006 SCR can be used as on/off function in
applications where topology does not offer high
current for gate triggering.
This device is optimized in forward voltage drop
and inrush current capabilities for reduced power
losses and high reliability in harsh environments.
Table 1.
Device summary
IT(RMS)
0.8 A
VDRM / VRRM
600 V
IGT
30 to 200 µA
A
K
G
TO-92
X00619-MA
A
K
G
A
A
K
G
SOT-223
X00619MN
www.st.com


Similar Part No. - X00619

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
X006 STMICROELECTRONICS-X006 Datasheet
108Kb / 9P
0.8 A sensitive gate SCRs
01-Apr-2008
X00602MA STMICROELECTRONICS-X00602MA Datasheet
72Kb / 5P
0.8A SCRs
Jan-2002
logo
New Jersey Semi-Conduct...
X00602MA NJSEMI-X00602MA Datasheet
71Kb / 2P
0.8A SCRs
logo
Kersemi Electronic Co.,...
X00602MA KERSEMI-X00602MA Datasheet
401Kb / 5P
0.8A SCRs
logo
STMicroelectronics
X00602MA1AA2 STMICROELECTRONICS-X00602MA1AA2 Datasheet
72Kb / 5P
0.8A SCRs
Jan-2002
More results

Similar Description - X00619

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
P01XXXA STMICROELECTRONICS-P01XXXA Datasheet
196Kb / 5P
SENSITIVE GATE SCR
Jan 1995
logo
NTE Electronics
NTE5400 NTE-NTE5400 Datasheet
18Kb / 2P
Silicon Controlled Rectifier (SCR) 0.8 Amp Sensitive Gate
logo
STMicroelectronics
TS120F STMICROELECTRONICS-TS120F Datasheet
201Kb / 5P
SENSITIVE GATE SCR
logo
List of Unclassifed Man...
FS0102BA ETC2-FS0102BA Datasheet
142Kb / 4P
SENSITIVE GATE SCR
logo
STMicroelectronics
X006 STMICROELECTRONICS-X006 Datasheet
108Kb / 9P
0.8 A sensitive gate SCRs
01-Apr-2008
X02 STMICROELECTRONICS-X02_05 Datasheet
136Kb / 11P
1.25 A sensitive gate SCR
14-Jan-2011
X0203MA2BL2 STMICROELECTRONICS-X0203MA2BL2 Datasheet
62Kb / 5P
SENSITIVE GATE SCR
Jan-1995
X0203MA5BL2 STMICROELECTRONICS-X0203MA5BL2 Datasheet
62Kb / 5P
SENSITIVE GATE SCR
Jan-1995
X0402NE1AA2 STMICROELECTRONICS-X0402NE1AA2 Datasheet
386Kb / 6P
SENSITIVE GATE SCR
X0115ML STMICROELECTRONICS-X0115ML Datasheet
197Kb / 10P
0.8 A sensitive gate SCR thyristor in SOT23-3L
28-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com