Electronic Components Datasheet Search
  English  ▼

X  

X00619 Datasheet(PDF) 3 Page - STMicroelectronics

Part # X00619
Description  0.8 A sensitive gate SCR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

X00619 Datasheet(HTML) 3 Page - STMicroelectronics

  X00619 Datasheet HTML 1Page - STMicroelectronics X00619 Datasheet HTML 2Page - STMicroelectronics X00619 Datasheet HTML 3Page - STMicroelectronics X00619 Datasheet HTML 4Page - STMicroelectronics X00619 Datasheet HTML 5Page - STMicroelectronics X00619 Datasheet HTML 6Page - STMicroelectronics X00619 Datasheet HTML 7Page - STMicroelectronics X00619 Datasheet HTML 8Page - STMicroelectronics X00619 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
X00619
Characteristics
Doc ID 15755 Rev 2
3/10
Table 5.
Thermal resistances
Symbol
Parameter
Value
Unit
Rth(j-l)
Junction to leads (DC)
TO-92
Max.
70
°C/W
Rth(j-c)
Junction to case (DC)
SOT-223
30
Rth(j-a)
Junction to ambient (DC)
TO-92
150
S = 5 cm2
SOT-223
60
Figure 1.
Maximum average power
dissipation versus average
on-state current
Figure 2.
Average and DC on-state current
versus case temperature (SOT-223)
P(W)
0.0
0.2
0.4
0.6
0.0
0.1
0.2
0.3
0.4
0.5
0.6
°°
°
°
°DC
I
(A)
T(AV)
360°
α
α = 30°, 60°, 90°, 120°, 180°, DC
I
(A)
T(AV)
0.0
0.2
0.4
0.6
0.8
1.0
0
25
50
75
100
125
SOT-223
T (°C)
l
α = 30°, 60°, 90°, 120°, 180°, DC
Figure 3.
Average and DC on-state current
versus lead temperature (TO-92)
Figure 4.
Average and DC on-state current
versus ambient temperature (free
air convection)
I
(A)
T(AV)
0.0
0.2
0.4
0.6
0.8
1.0
0
25
50
75
100
125
TO-92
T (°C)
l
α = 30°, 60°, 90°, 120°, 180°, DC
I
(A)
T(AV)
0.0
0.2
0.4
0.6
0.8
1.0
0
25
50
75
100
125
TO-92
SCU= 0.5 cm²
T
(°C)
amb
α = 180°
DC
SOT-223
SCU= 5 cm²



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com