Electronic Components Datasheet Search
  English  ▼

X  

X00619 Datasheet(PDF) 2 Page - STMicroelectronics

Part # X00619
Description  0.8 A sensitive gate SCR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

X00619 Datasheet(HTML) 2 Page - STMicroelectronics

  X00619 Datasheet HTML 1Page - STMicroelectronics X00619 Datasheet HTML 2Page - STMicroelectronics X00619 Datasheet HTML 3Page - STMicroelectronics X00619 Datasheet HTML 4Page - STMicroelectronics X00619 Datasheet HTML 5Page - STMicroelectronics X00619 Datasheet HTML 6Page - STMicroelectronics X00619 Datasheet HTML 7Page - STMicroelectronics X00619 Datasheet HTML 8Page - STMicroelectronics X00619 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Characteristics
X00619
2/10
Doc ID 15755 Rev 2
1
Characteristics
Table 2.
Absolute ratings (limiting values, Tj = 25 °C unless otherwise specified)
Symbol
Parameter
Value
Unit
IT(RMS)
On-state rms current (180 °Conduction angle)
TO-92
TL = 83 °C
0.8
A
SOT-223
Tc = 107 °C
IT(AV)
Average on-state current (180 °Conduction angle)
TO-92
TL = 83 °C
0.5
A
SOT-223
Tc = 107 °C
ITSM
Non repetitive surge peak on-state current
tp = 8.3 ms
Tj = 25 °C
10
A
tp = 10 ms
9
I²tI²t Value for fusing
tp = 10 ms
Tj = 25 °C
0.4
A2s
di/dt
Critical rate of rise of on-state current
IG = 2 x IGT, tr ≤ 100 ns
F = 60 Hz
Tj = 125 °C
50
A/µs
IGM
Peak gate current
tp = 20 µs
Tj = 125 °C
1
A
PG(AV)
Average gate power dissipation
Tj = 125 °C
0.1
W
Tstg
Tj
Storage junction temperature range
Operating junction temperature range
- 40 to + 150
- 40 to + 125
°C
Table 3.
Electrical characteristics (Tj = 25 °C unless otherwise specified)
Symbol
Test conditions
Value
Unit
IGT
VD = 12 V, RL = 140 Ω
MIN.
30
µA
MAX.
200
VGT
0.8
V
VGD
VD = VDRM, RL = 3.3 kΩ, RGK = 1 kΩ
Tj = 125 °C
MIN.
0.2
V
VRG
IRG = 10 µA
MIN.
5
V
IH
IT = 50 mA, RGK = 1 kΩ
MAX.
5
mA
IL
IG = 1 mA, RGK = 1 kΩ
MAX.
6
mA
dV/dt
VD = 67% VDRM, RGK = 1 kΩ
Tj = 125 °C
MIN.
40
V/µs
Table 4.
Static electrical characteristics
Symbol
Test conditions
Value
Unit
VTM
ITM = 1 A, tp = 380 µs
Tj = 25 °C
MAX
1.35
V
VTO
Threshold voltage
Tj = 125 °C
0.85
V
Rd
Dynamic resistance
245
m
Ω
IDRM IRRM
VDRM = VRRM, RGK = 1 kΩ
Tj = 25 °C
1
µA
Tj = 125 °C
100
µA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com