Electronic Components Datasheet Search
  English  ▼

X  

X00619 Datasheet(PDF) 4 Page - STMicroelectronics

Part # X00619
Description  0.8 A sensitive gate SCR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

X00619 Datasheet(HTML) 4 Page - STMicroelectronics

  X00619 Datasheet HTML 1Page - STMicroelectronics X00619 Datasheet HTML 2Page - STMicroelectronics X00619 Datasheet HTML 3Page - STMicroelectronics X00619 Datasheet HTML 4Page - STMicroelectronics X00619 Datasheet HTML 5Page - STMicroelectronics X00619 Datasheet HTML 6Page - STMicroelectronics X00619 Datasheet HTML 7Page - STMicroelectronics X00619 Datasheet HTML 8Page - STMicroelectronics X00619 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Characteristics
X00619
4/10
Doc ID 15755 Rev 2
Figure 5.
Relative variation of thermal
impedance junction to ambient
versus pulse duration
Figure 6.
Relative variation of gate trigger,
holding and latching current versus
junction temperature
Z/R
th(j-a)
th(j-a)
0.01
0.10
1.00
1.0E-02
1.0E-01
1.0E+00
1.0E+01
1.0E+02
1.0E+03
SOT-223
SCU= 5 cm²
TO-92
SCU= 0.5 cm²
t (s)
p
I,I ,I [T ] /
GTHL
j
I
,I ,I [T =25°C]
GTHL
j
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
-40
-20
0
20
40
60
80
100
120
IGT
IH and IL
Typical values
T (°C)
j
Figure 7.
Relative variation of holding
current versus gate-cathode
resistance (typical values)
Figure 8.
Relative variation of dV/dt immunity
versus gate-cathode resistance
(typical values)
I [R
] / I [
=1k ]
HGK
H
Ω
RGK
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
R(k )
GK
Ω
dV/dt[R
] / dV/dt[
=1k ]
GK
Ω
RGK
0.1
1.0
10.0
100.0
1.0E-01
1.0E+00
1.0E+01
VD= 0.67xVDRM
R(k )
GK
Ω
Figure 9.
Relative variation of dV/dt immunity
versus gate-cathode capacitance
(typical values)
Figure 10.
Surge peak on-state current versus
number of cycles
dV/dt[C
] / dV/dt[
=1k ]
GK
Ω
RGK
1
10
100
1
10
VD= 0.67xVDRM
Rgk = 1 kΩ
C
(nF)
GK
0
1
2
3
4
5
6
7
8
9
10
1
10
100
1000
Non repetitive
Tj initial=25 °C
Repetitive
Tl= 25 °C
One cycle
tp=10ms
Number of cycles
I
(A)
TSM



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com