Electronic Components Datasheet Search
  English  ▼

X  

AL8808 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # AL8808
Description  COST EFFECTIVE LOW EMI 30V 1A BUCK LED DRIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL8808 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button AL8808 Datasheet HTML 7Page - Diodes Incorporated AL8808 Datasheet HTML 8Page - Diodes Incorporated AL8808 Datasheet HTML 9Page - Diodes Incorporated AL8808 Datasheet HTML 10Page - Diodes Incorporated AL8808 Datasheet HTML 11Page - Diodes Incorporated AL8808 Datasheet HTML 12Page - Diodes Incorporated AL8808 Datasheet HTML 13Page - Diodes Incorporated AL8808 Datasheet HTML 14Page - Diodes Incorporated AL8808 Datasheet HTML 15Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
AL8808
Document number
Applicatio
PWM Dimmin
The CTRL pin is
output stage.
The ultimate PW
lower switching
the accuracy/line
At the start of e
threshold isn’t re
Greater PWM d
frequency.
The three figure
from a 12V rail a
Figure 36. 0
Figure 38. 0
As can be obse
value.
r: DS35648 Rev. 2
on Informat
ng (cont.)
s designed to be
WM dimming reso
frequencies and
earity of the PWM
each PWM cycle
eached then the
dimming dynami
s below show 0.
at +25°C for a no
.2% PWM Duty
68µH
.2% PWM Duty
22µH
rved from Figure
- 2
tion (cont.)
e driven by both
olution is determ
/or higher PWM
M dimming.
e the LED curre
accuracy will be
c ranges can be
2% duty cycle P
ominal LED curre
Cycle at 100Hz
H Inductance
Cycle at 500Hz
H Inductance
e 37 greater dim
w
3.3V and 5V log
ined by the num
frequencies the
ent needs to res
greatly affected.
e achieved by r
PWM pulse resol
ent of 670mA
.
PWM Frequenc
PWM Frequenc
mming accuracy c
11 of 20
www.diodes.co
gic levels directly
ber of full LED s
number of full sw
start from zero u
.
reducing the PW
ution with differe
cy and
Fig
cy and
can be achieved
m
y from a logic ou
switching cycles t
witching cycles t
up to the upper
WM dimming fre
ent PWM frequen
gure 37. 0.2% P
d by reducing bo
tput with either a
that can be achie
that can be achie
r threshold level
quency and/or i
ncies and differe
WM Duty Cycle
22µH Indu
th the PWM dim
an open drain ou
eved during the
eved is reduced
(nominally 120
ncreasing the A
nt inductor value
e at 100Hz PWM
uctance
mming frequency
January 201
© Diodes Incorporate
AL8808
utput or push pu
PWM on-time. A
thereby reducing
mV/RSET). If this
AL8808 switching
es driving 2 LEDs
Frequency and
and the inducto
3
ed
ll
At
g
s
g
s
d
or



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com