Electronic Components Datasheet Search
  English  ▼

X  

AL8808 Datasheet(PDF) 13 Page - Diodes Incorporated

Part # AL8808
Description  COST EFFECTIVE LOW EMI 30V 1A BUCK LED DRIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL8808 Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button AL8808 Datasheet HTML 9Page - Diodes Incorporated AL8808 Datasheet HTML 10Page - Diodes Incorporated AL8808 Datasheet HTML 11Page - Diodes Incorporated AL8808 Datasheet HTML 12Page - Diodes Incorporated AL8808 Datasheet HTML 13Page - Diodes Incorporated AL8808 Datasheet HTML 14Page - Diodes Incorporated AL8808 Datasheet HTML 15Page - Diodes Incorporated AL8808 Datasheet HTML 16Page - Diodes Incorporated AL8808 Datasheet HTML 17Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
AL8808
Document number
Applicatio
Inductor Sele
Recommended
data for selecte
required switchi
LED current acc
The inductor sho
The chosen coil
required mean o
Suitable coils for
Part
MSS1038-333
MSS1038-683
NPIS64D330M
The inductor val
The following eq
Switch ‘On’ tim
V
t
IN
ON
−
=
Switch ‘Off’ tim
V
t
L
OFF =
Where:
L is the coil
rL is the coil
RS is the cur
Iavg is the re
VIN is the su
ΔI is the coil
VLED is the t
RSW is the s
VD is the dio
r: DS35648 Rev. 2
on Informat
ection
inductor values
ed component va
ng frequency. L
curacy (due to pro
ould be mounted
should have a s
output current.
r use with the AL
No.
MTRF
ue should be cho
quations can be u
me:
x
I
V
L
AVG
LED −
−
Δ
me:
I
V
I
L
AVG
D
LED
+
+
Δ
inductance (H)
resistance (Ω)
rrent sense resis
quired LED curre
upply voltage (V)
l peak-peak rippl
total LED forward
switch resistance
ode forward volta
- 2
tion (cont.)
for the AL8808
alues. The induc
Lower inductor v
opagation delays
Figure 4
d as close to the d
saturation current
L8807 are listed i
L
(µH)
D
(
33
0.
68
0.
33
0.
osen to maintain
used as a guide,
(
R
r
R
x
I
SW
L
S
+
+
()
r
R
x
L
S
G
+
stance (Ω)
ent (A)
e current (A) {Int
d voltage (V)
(Ω) {=0.35Ω nom
age at the require
w
are in the range
ctance used will
alues can be us
s) and increase p
0. Inductor Valu
device as possib
t higher than the
in the table below
DCR
(V)
ISAT
(A)
093
2.3
213
1.5
124
1.1
n operating duty c
with reference t
)
W
ternally set to 0.4
minal}
ed load current (V
13 of 20
www.diodes.co
e 33µH to 100µH
depend on a c
sed to increase t
power dissipation
ue with Input Volt
ble with low resis
peak output cur
w:
T
)
3
Co
5
1
cycle and switch
o Figure 1 - Ope
4 x IAVG}
V)
m
H. Note that the
combination of In
he switching freq
n (due to switchin
tage and Numbe
stance/stray induc
rrent and a contin
Manufactu
oilCraft www.coi
NIC www.niccom
'on'/'off' times ov
erating waveform
Figure
e AL8808 Web C
nput voltage and
quency and redu
ng losses).
er of LEDs
ctance connectio
nuous current rat
rer
lcraft.com
mp.com
ver the supply vo
ms.
e 41. Typical Swi
Calculator provid
d LED chain vo
uce solution size
ons to the SW pi
ting above the
oltage and load c
itching Waveform
January 201
© Diodes Incorporate
AL8808
es performance
ltage to set the
e but may affect
n.
current range.
m
3
ed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com