Electronic Components Datasheet Search
  English  ▼

X  

AL8808 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AL8808
Description  COST EFFECTIVE LOW EMI 30V 1A BUCK LED DRIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL8808 Datasheet(HTML) 2 Page - Diodes Incorporated

  AL8808 Datasheet HTML 1Page - Diodes Incorporated AL8808 Datasheet HTML 2Page - Diodes Incorporated AL8808 Datasheet HTML 3Page - Diodes Incorporated AL8808 Datasheet HTML 4Page - Diodes Incorporated AL8808 Datasheet HTML 5Page - Diodes Incorporated AL8808 Datasheet HTML 6Page - Diodes Incorporated AL8808 Datasheet HTML 7Page - Diodes Incorporated AL8808 Datasheet HTML 8Page - Diodes Incorporated AL8808 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
AL8808
Document number
Pin Descri
Pin Number
1
2
3
4
5
Functiona
Absolute M
Symbol
ESD HBM
ESD MM
VIN
VSET
VSW
VCTRL
ISW
TJ
TLEAD
TST
Caution:
Stresse
function
affecte
Semico
and tra
r: DS35648 Rev. 2
iptions
Pin Name
SW
GND
CTRL
SET
VIN
al Block Dia
Maximum
Human Body M
Machine Mode
Continuous VI
SET pin voltag
SW voltage re
CTRL pin inpu
Switch current
Junction Temp
Lead Tempera
Storage Temp
es greater than the
nal operation of the
d by exposure to a
onductor devices a
ansporting these de
- 2
Switch Pin. C
GND Pin
Dimming and
•
Leave f
(V
•
Drive to
•
Drive w
IOUTnom
•
Drive w
•
A PWM
current
Set Nominal
Input Supply
section for m
agram
Ratings (@
Model ESD Prote
el ESD Protectio
N pin voltage rela
ge relative to VIN
elative to GND
ut voltage
t
perature
ature Soldering
perature Range
e 'Absolute Maxim
e device at these o
bsolute maximum
are ESD sensitive a
evices.
w
Connect inductor
d On/Off Control
floating for norma
VCTRL = 5V, Give
o voltage below 0
ith an analog vol
m
ith an analog vol
signal (low leve
to be adjusted b
Output Current P
Pin. Must be loc
more information.
Figure 1
TA = +25°C, unle
Parameter
ection
n
ative to GND
pin
mum Ratings' spec
or any other condit
rating conditions fo
and may be damag
2 of 20
www.diodes.co
r/freewheeling dio
Input.
al operation.
es nominal avera
0.4V to turn off ou
ltage (0.5V < VCT
ltage > 2.6V outp
l ≤ 0.4V and high
below the level se
Pin. Configure th
cally decoupled t
. AL8808 Block
ess otherwise sp
ified above, may c
tions exceeding tho
or extended periods
ged by exposure to
m
Function
ode here, minimi
ge output curren
utput current
TRL < 2.5V) to ad
put current will be
h level > 2.6; tran
et by the resistor
he output current
o GND with > 2.2
k Diagram
pecified.)
cause permanent d
ose indicated in thi
s of time.
o ESD events. Suit
izing track length
nt IOUTnom = 0.1/R
djust output curre
e 100% of IOUTno
nsition times less
r connected to S
of the device.
2µF X7R cerami
Rating
2.5
200
-0.3 to
-5 to +
-0.3 to
-0.3 to
1.25
150
300
-55 to +
damage to the dev
is specification is n
table ESD precaut
h at this pin to red
RS)
ent from 20% to
om
s than 1µs) allow
ET input pin.
c capacitor – see
gs
0
+33
0.3
+33
+6
5
0
0
+150
vice. These are st
not implied. Device
ions should be tak
January 201
© Diodes Incorporate
AL8808
duce EMI.
100% of
ws the output
e applications
Unit
kV
V
V
V
V
V
A
°C
°C
°C
tress ratings only;
e reliability may be
ken when handling
3
ed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com