Electronic Components Datasheet Search
  English  ▼

X  

MD0101 Datasheet(PDF) 2 Page - Supertex, Inc

Part # MD0101
Description  High Voltage Protection T/R Switch with Clamp Diodes
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

MD0101 Datasheet(HTML) 2 Page - Supertex, Inc

  MD0101 Datasheet HTML 1Page - Supertex, Inc MD0101 Datasheet HTML 2Page - Supertex, Inc MD0101 Datasheet HTML 3Page - Supertex, Inc MD0101 Datasheet HTML 4Page - Supertex, Inc MD0101 Datasheet HTML 5Page - Supertex, Inc MD0101 Datasheet HTML 6Page - Supertex, Inc MD0101 Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
MD0101
Supertex inc.
1235 Bordeaux Drive, Sunnyvale, CA 94089
Tel: 408-222-8888
www.supertex.com
Absolute Maximum Ratings1
-G indicates package is RoHS compliant (‘Green’)
Ordering Information
Device
Package Option
18-Lead DFN
5.00x5.00mm body
1.00mm height (max)
0.50mm pitch
MD0101
MD0101K6-G
Pin Configuration
Product Marking
18-Lead DFN (K6)
(top view)
(Pad is at bottom of device)
Package may or may not include the following marks: Si or
18-Lead DFN (K6)
Parameter
Value
V
TX - VRX, Differential voltage drop
0 to ±110V
Maximum junction temperature
+125°C
Storage temperature range
-65°C to 150°C
Power dissipation, 18-Lead DFN2
1.6W
1.
Absolute Maximum Ratings are those values beyond which damage to
the device may occur. Functional operation under these conditions is not
implied. Continuous operation of the device at the absolute rating level
may affect device reliability. All voltages are referenced to device ground.
2.
Mounted on FR4 board, 25mm x 25mm x 1.57mm
1
2
3
4
5
6
7
8
9
18
17
16
15
14
13
12
11
10
NC
Rx1
RGND1
Rx2
RGND2
Rx3
RGND3
Rx4
RGND4
NC
Tx1
NC
Tx2
NC
Tx3
NC
Tx4
NC
MD0101
LLLLLL
YYW W
AAACCC
L = Lot Number
YY = Last Digit of Year Sealed
WW = Code for Week Sealed
A = Assembler ID
C = Country of Origin
= “Green” Packaging
Electrical Characteristics (T
J = 25ºC, unless otherwise specified)
Sym
Parameter
Min
Typ
Max
Units Conditions
BV
TX-RX
Breakdown voltage from TX to RX
±100
-
-
V
I
TX-RX = ±500µA
R
SW
Switch ON resistance from TX to RX
-
15
-
Ω
I
TX-RX = ±5.0mA
V
TRIP
V
TX - RX trip point to turn off
-
±1.0
±2.0
V
---
V
OFF
Switch turn off voltage
-
±2.0
-
V
I
TX-RX = ±1.0mA
I
A-B(OFF)
Switch off current
-
±200
±300
µA
V
TX-RX = ±100V
I
PEAK
Peak switching current
-
±60
-
mA
---
T
OFF
Turn off time
-
-
20
ns
---
T
ON
Turn on time
-
-
20
ns
---
C
TX(ON)
Switch ON capacitance from TX to RX
-
15
-
pF
SW = ON
C
TX(OFF)
Switch OFF capacitance from TX to RX
-
9.0
-
pF
V
TX-RX = 25V
BW
Small signal bandwidth
-
100
-
MHz R
LOAD = 50Ω
T
J
Operating junction temperature
-40
-
+125
°C
---
V
RX
Diode forward voltage drop
-
±1.6
-
V
I
RX = ±200mA, RGND = 0V,
TX = Open
C
D
RX capacitance to RGND
-
20
-
pF
RGND = 0V, TX = Open
ESD Sensitive Device
E



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com