Electronic Components Datasheet Search
  English  ▼

X  

MD0101 Datasheet(PDF) 4 Page - Supertex, Inc

Part # MD0101
Description  High Voltage Protection T/R Switch with Clamp Diodes
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

MD0101 Datasheet(HTML) 4 Page - Supertex, Inc

  MD0101 Datasheet HTML 1Page - Supertex, Inc MD0101 Datasheet HTML 2Page - Supertex, Inc MD0101 Datasheet HTML 3Page - Supertex, Inc MD0101 Datasheet HTML 4Page - Supertex, Inc MD0101 Datasheet HTML 5Page - Supertex, Inc MD0101 Datasheet HTML 6Page - Supertex, Inc MD0101 Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
MD0101
Supertex inc.
1235 Bordeaux Drive, Sunnyvale, CA 94089
Tel: 408-222-8888
www.supertex.com
Switch Capacitance
The typical switch ON capacitance, C
SW(ON), is 21pF. This is
measured from TX to RX when the switch is ON. The switch
OFF capacitance is a function of the voltage across the T/R
switch. The C
TX(OFF) is about 11 - 6.5pF for 10 - 90V of the
transmit voltage. Please see Figure 1 for the C-V curve of
the C
TX(OFF).
Figure 1: C
TX-RX vs VTX-RX
T
ON and TOFF Time
The T
ON and TOFF of the MD0101 are less than 20ns, which
provide a fast switch between the transmit mode and the
receive mode. The T
ON and TOFF are input rise/fall time de-
pendent. The T/R switch turns ON and OFF faster when the
rise and fall times of the transmit pulse are faster. On the
other hand, the switch turns ON and OFF slower if the rise
and fall times of the transmit pulse are slower. The T
OFF and
T
ON set ups are shown in Figure 2 and Figure 5 respectively.
Figure 2: Test set up for T
OFF
Figure 3: T
OFF Timing Diagram
Figure 4: T
OFF at VTX = 10V
Figure 4 shows the actual waveform and measurement of
the T
OFF. The TOFF is measured from 2.0V of the VTX to 10%
of the V
RX.
Figure 5: Test set up for T
ON
TX
+10V
0V
10
Transmitter
RX
TX
500ns
RGND
(Floating or connect to RX)
MD0101
V
TX
V
RX
+10V
+2V
10%
TX
Transmitter
2.0V
0V
15
RX
TX
RGND
(Floating or connect to RX)
MD0101
+10V
500ns
6.0
7.0
8.0
9.0
10.0
11.0
12.0
13.0
0102030405060708090
100
V
TX-RX



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com