Electronic Components Datasheet Search
  English  ▼

X  

MD0101 Datasheet(PDF) 3 Page - Supertex, Inc

Part # MD0101
Description  High Voltage Protection T/R Switch with Clamp Diodes
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

MD0101 Datasheet(HTML) 3 Page - Supertex, Inc

  MD0101 Datasheet HTML 1Page - Supertex, Inc MD0101 Datasheet HTML 2Page - Supertex, Inc MD0101 Datasheet HTML 3Page - Supertex, Inc MD0101 Datasheet HTML 4Page - Supertex, Inc MD0101 Datasheet HTML 5Page - Supertex, Inc MD0101 Datasheet HTML 6Page - Supertex, Inc MD0101 Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
MD0101
Supertex inc.
1235 Bordeaux Drive, Sunnyvale, CA 94089
Tel: 408-222-8888
www.supertex.com
Block Diagram
Switch Control
TX
RX
RGND
Typical I-V Characteristics
I
TX - RX
-V
OFF
-V
TRIP
+100V
I
TX - RX = -200µA
-100V
I
TX - RX = +200µA
V
TX - RX
R
SW = 15Ω
+I
PEAK
-I
PEAK
+V
TRIP
+V
OFF
+1.0mA
+1.0mA
Functional Description
The Supertex MD0101 can be considered a normally closed
switch, controlled by a switch control (please refer to the
block diagram). The switch control monitors the voltage
drop across terminals TX and RX. If the voltage difference
is greater than ±1.0V, the T/R switch will start to open. Once
in the open state, there is a small amount of current flow-
ing through the T/R switch, 200µA, to detect if the high volt-
age is still present or not. The T/R switch will not close until
the voltage across terminals TX and RX drops below ±2.0V.
Connecting the RGND to ground will allow the initial peak
current, about 60mA, to flow through the switch then to the
clamp diodes to RGND. The clamp diode I-V Curve is shown
in Figure 8. If external diodes are desired, the RGND pin can
be connected to the corresponding RX pin or left floating.
The external diodes can then be connected to RX to ground.
The MD0101 does not require a power supply. There are
only three pins per channel; one connects to the transmitter
side, one connects to the receiver side, and the other one is
the ground connection for diodes.
On Resistance
When the voltage across terminals TX and RX is below
±1.0V, the switch is in the receive mode, and the R
ON is typi-
cally 15Ω. Once the voltage across the terminals TX and RX
is greater than ±2.0V, the switch is in the transmit mode and
blocks the high voltage pulses from passing through to the
receiver and damaging it.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com