Electronic Components Datasheet Search
  English  ▼

X  

MD0101 Datasheet(PDF) 5 Page - Supertex, Inc

Part # MD0101
Description  High Voltage Protection T/R Switch with Clamp Diodes
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

MD0101 Datasheet(HTML) 5 Page - Supertex, Inc

  MD0101 Datasheet HTML 1Page - Supertex, Inc MD0101 Datasheet HTML 2Page - Supertex, Inc MD0101 Datasheet HTML 3Page - Supertex, Inc MD0101 Datasheet HTML 4Page - Supertex, Inc MD0101 Datasheet HTML 5Page - Supertex, Inc MD0101 Datasheet HTML 6Page - Supertex, Inc MD0101 Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
MD0101
Supertex inc.
1235 Bordeaux Drive, Sunnyvale, CA 94089
Tel: 408-222-8888
www.supertex.com
Figure 6: T
ON Timing Diagram
Figure 7: T
ON at VTX = 10V
Figure 7 shows the actual waveform and measurement of
the T
ON. The TON is measured from 2.0V of the VTX to 1.0V of
the V
RX.
Figure 8: RX Clamp Diodes to RGND
V
TX
V
RX
+10V
0V
2V
1V
0V
+2V
1V
I-V Curve
0
50
100
150
200
250
300
350
400
450
500
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
V
f (V)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com