Electronic Components Datasheet Search
  English  ▼

X  

AI338 Datasheet(PDF) 13 Page - A1 PROs co., Ltd.

Part # AI338
Description  a 380K pixels CCD area sensor for NTSC 1/3 inch video cameras
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

AI338 Datasheet(HTML) 13 Page - A1 PROs co., Ltd.

Back Button AI338 Datasheet HTML 9Page - A1 PROs co., Ltd. AI338 Datasheet HTML 10Page - A1 PROs co., Ltd. AI338 Datasheet HTML 11Page - A1 PROs co., Ltd. AI338 Datasheet HTML 12Page - A1 PROs co., Ltd. AI338 Datasheet HTML 13Page - A1 PROs co., Ltd. AI338 Datasheet HTML 14Page - A1 PROs co., Ltd. AI338 Datasheet HTML 15Page - A1 PROs co., Ltd. AI338 Datasheet HTML 16Page - A1 PROs co., Ltd. AI338 Datasheet HTML 17Page - A1 PROs co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
13
Ai338
A1 PROs Co., Ltd.
Professional Promotion Process Profit
VDD
V4
V1
V2
V3
 SUB
VL
100kΩ
1μF
0.033μF
V driver
Ai 338
( Top View )
Pad-No.8
Pad-No.1
Pad-No.9
Pad-No.16
12.0V
3.3V
-6.0V
ΦRG
ΦH1
ΦH2
0.1μF
0.01μF
47Ω
1000pF
CCD output
1.5kΩ
5 Application
5.1 Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com