Electronic Components Datasheet Search
  English  ▼

X  

AI338 Datasheet(PDF) 2 Page - A1 PROs co., Ltd.

Part # AI338
Description  a 380K pixels CCD area sensor for NTSC 1/3 inch video cameras
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

AI338 Datasheet(HTML) 2 Page - A1 PROs co., Ltd.

  AI338 Datasheet HTML 1Page - A1 PROs co., Ltd. AI338 Datasheet HTML 2Page - A1 PROs co., Ltd. AI338 Datasheet HTML 3Page - A1 PROs co., Ltd. AI338 Datasheet HTML 4Page - A1 PROs co., Ltd. AI338 Datasheet HTML 5Page - A1 PROs co., Ltd. AI338 Datasheet HTML 6Page - A1 PROs co., Ltd. AI338 Datasheet HTML 7Page - A1 PROs co., Ltd. AI338 Datasheet HTML 8Page - A1 PROs co., Ltd. AI338 Datasheet HTML 9Page - A1 PROs co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
2
Ai338
A1 PROs Co., Ltd.
Professional Promotion Process Profit
VRG
NC
NC
NC
VOUT
VDD
GND
VSUB
HCCD
GND
8
7
Vφ1
Hφ1
Hφ2
6
5
4
3
2
1
9
10
11
12
13
14
15
16
Vφ2
Vφ3
Vφ4
PD
1.4 Pin Arrangement
1.5 Pin Descriptions
Pin
Symbol
Description
Pin
Symbol
Description
1
ΦV4
Vertical register transfer clock 4
9
VDD
Output amplifier drain bias
2
ΦV3
Vertical register transfer clock 3
10
GND
Ground
3
ΦV2
Vertical register transfer clock 2
11
ΦSUB
Substrate (Overflow drain) bias
4
ΦV1
Vertical register transfer clock 1
12
PT
Protection bias
5
GND
Ground
13
ΦRG
Reset gate clock
6
NC
No connection
14
NC
No connection
7
NC
No connection
15
ΦH1
Horizontal register transfer clock 1
8
VO
CCD output signal
16
ΦH2
Horizontal register transfer clock 2
1.6 Absolute Maximum Ratings
Symbols
Relative to GND
(Unit : V)
Min.
Max.
VDD
-0.2
15.0
PT
-7.5
0.2
GND
Reference
ΦRG
-0.2
12.0
ΦSUB
-0.2
29.0
ΦH1, ΦH2
-0.2
5.0
ΦV1
-7.0
14.0
ΦV2, ΦV3, ΦV4
-7.0
7.0
VO
-0.2
15.0
PT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com