Electronic Components Datasheet Search
  English  ▼

X  

AI338 Datasheet(PDF) 4 Page - A1 PROs co., Ltd.

Part # AI338
Description  a 380K pixels CCD area sensor for NTSC 1/3 inch video cameras
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

AI338 Datasheet(HTML) 4 Page - A1 PROs co., Ltd.

  AI338 Datasheet HTML 1Page - A1 PROs co., Ltd. AI338 Datasheet HTML 2Page - A1 PROs co., Ltd. AI338 Datasheet HTML 3Page - A1 PROs co., Ltd. AI338 Datasheet HTML 4Page - A1 PROs co., Ltd. AI338 Datasheet HTML 5Page - A1 PROs co., Ltd. AI338 Datasheet HTML 6Page - A1 PROs co., Ltd. AI338 Datasheet HTML 7Page - A1 PROs co., Ltd. AI338 Datasheet HTML 8Page - A1 PROs co., Ltd. AI338 Datasheet HTML 9Page - A1 PROs co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
4
Ai338
A1 PROs Co., Ltd.
Professional Promotion Process Profit
Note) Driving voltage value of the above table indicates the voltage value in each Pad of the image sensor.
2.1 Operating Voltage Conditions
Symbol
Operating conditions
Unit
Notes
Min.
Typ.
Max.
VDD
11.5
12.0
12.5
V
PT
-6.5
-6.0
-5.5
V
GND
‒
0.0
‒
V
ΦRG
H - L
3.0
3.3
3.6
V
*1
Bias
( Internal bias )
ΦSUB
H - L
17.0
18.0
19.0
V
*2
Bias
( Internal bias )
ΦH1, ΦH2
H
3.0
3.3
3.6
V
*3
L
-0.2
0.0
0.2
ΦV1
H
11.5
12.0
12.5
V
*4
M
-0.2
0.0
0.2
L
-6.5
-6.0
-5.5
ΦV2, ΦV3, ΦV4
M
-0.2
0.0
0.2
V
L
-6.5
-6.0
-5.5
Note) *1 : Reset gate (ΦRG )
Note) *2 : Substrate (ΦSUB )
Note) *3 : Horizontal (ΦH1, ΦH2 )
Note) *4 : Vertical ( ΦV1 toΦV4 )
2. Electrical Specification



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com