Electronic Components Datasheet Search
  English  ▼

X  

AI338 Datasheet(PDF) 3 Page - A1 PROs co., Ltd.

Part # AI338
Description  a 380K pixels CCD area sensor for NTSC 1/3 inch video cameras
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

AI338 Datasheet(HTML) 3 Page - A1 PROs co., Ltd.

  AI338 Datasheet HTML 1Page - A1 PROs co., Ltd. AI338 Datasheet HTML 2Page - A1 PROs co., Ltd. AI338 Datasheet HTML 3Page - A1 PROs co., Ltd. AI338 Datasheet HTML 4Page - A1 PROs co., Ltd. AI338 Datasheet HTML 5Page - A1 PROs co., Ltd. AI338 Datasheet HTML 6Page - A1 PROs co., Ltd. AI338 Datasheet HTML 7Page - A1 PROs co., Ltd. AI338 Datasheet HTML 8Page - A1 PROs co., Ltd. AI338 Datasheet HTML 9Page - A1 PROs co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
3
Ai338
A1 PROs Co., Ltd.
Professional Promotion Process Profit
1.7 Temperature Ratings
Symbols
Min
Max
Unit
Operating Temperature
-20
75
℃
Storage Temperature
-30
85
℃
Note) •Temperature rating is defined with the ambient temperature of sensor
•About the storage temperature of CCD, and local heat stress at the time of solder mounting, it provides
in “Notes on Device Handling”.
•Operating temperature Is not guaranteed the characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com