Electronic Components Datasheet Search
  English  ▼

X  

WM8788 Datasheet(PDF) 6 Page - Wolfson Microelectronics plc

Part # WM8788
Description  High Performance 24-bit Stereo ADC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8788 Datasheet(HTML) 6 Page - Wolfson Microelectronics plc

Back Button WM8788 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8788 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8788 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8788 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8788 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8788 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8788 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8788 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8788 Datasheet HTML 10Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
WM8788
Preliminary Technical Data
w
PTD, December 2010, Rev 2.2
6
ELECTRICAL CHARACTERISTICS
Test Conditions
AVDD = REFVDD = 3.3V, AGND = 0V, TA = +25
oC, 1kHz signal, fs = 48kHz, MCLK = 256fs unless otherwise stated.
Implemented recommended calibration start-up sequence as detailed in Calibrated Start-Up section.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Analogue Inputs (INL, INR)
Maximum input signal
level
RIN = RFB = 2k
Ω
AVDD/3.3
Vrms
Input capacitance
20
pF
ADC Input Path Performance (Analogue Input to ADC)
Signal to Noise Ratio
SNR
A-weighted, fs = 48kHz
106
dB
Unweighted, fs = 48kHz
103
A-weighted, fs = 96kHz
106
Unweighted, fs = 96kHz
103
Total Harmonic
Distortion
THD
-1dBFS input, Master Mode
-91
dB
-1dBFS input, Slave Mode
-88
Dynamic range
-60dBFS input
106
dB
Channel separation
20Hz to 20kHz
100
dB
Channel level matching
0.1
dB
Channel phase deviation
0.1
degree
Power Supply Rejection
Ratio (with respect to
AVDD)
PSRR
1kHz 100mV pk-pk applied to
AVDD
50
dB
Digital Inputs / Outputs
Input high level
0.7 x AVDD
V
Input low level
0.3 x AVDD
V
Output high level
IOL = 1mA
0.9 x AVDD
V
Output low level
IOH = -1mA
0.1 x AVDD
V
Input capacitance
5
pF
Input leakage
-1
1
μA
Clocking
MCLK frequency
2.048
36.864
MHz
Analogue Reference Levels
Midrail Reference
Voltage
VMID
-4%
AVDD/2
+4%
V
VMID resistance to
Ground
RVMID
35
k
Ω
Current Consumption
AVDD current
consumption
IAVDD
Quiescent
fs = 48kHz, MCLK = 256fs
84
mA
Quiescent
fs = 96kHz, MCLK = 256fs
88
Quiescent
No clocks applied
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com