Electronic Components Datasheet Search
  English  ▼

X  

WM8788 Datasheet(PDF) 12 Page - Wolfson Microelectronics plc

Part # WM8788
Description  High Performance 24-bit Stereo ADC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8788 Datasheet(HTML) 12 Page - Wolfson Microelectronics plc

Back Button WM8788 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8788 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8788 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8788 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8788 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8788 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8788 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8788 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8788 Datasheet HTML 16Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
WM8788
Preliminary Technical Data
w
PTD, December 2010, Rev 2.2
12
ANALOGUE-TO-DIGITAL CONVERTER (ADC)
The WM8788 uses two 24-bit sigma-delta ADCs. The use of multi-bit feedback and high
oversampling rates reduces the effects of jitter and high frequency noise. All common sample rates
from 8kHz to 192kHz are supported; these are selected as described in the “Digital Audio Interface”
section.
Digital filters are also incorporated on the ADC output signal path to remove DC offsets and other
unwanted noise. The cut-off frequency of the ADC high-pass filter varies with the ADC sample rate
(fs), but is typically 4Hz when fs = 48kHz.
Filter response plots for the ADC high-pass filter are shown in “Digital Filter Characteristics”.
DIGITAL AUDIO INTERFACE
The digital audio interface is used for outputting ADC data from the WM8788. It uses three pins:
•
ADCDAT - ADC data output
•
LRCLK - Left / Right data alignment clock
•
BCLK - Bit clock, for synchronisation
The configuration of the digital audio interface is determined by the logic levels on the following
hardware control pins:
•
MASTER - Master / Slave mode select
•
OSR - ADC Oversample rate select
•
AIFMODE0 - Audio Interface configuration select 0
•
AIFMODE1 - Audio Interface configuration select 1
The digital audio interface supports Right-justified, Left-justified and I2S formats. The data word size
can be 16, 20 or 24-bits.
Audio sample rates (fs) from 8kHz to 192kHz are supported. A master clock (MCLK) is required at
one of the typical clocking ratios 128fs, 192fs, 256fs, 384fs, 512fs and 768fs.
The WM8788 can operate in master mode or in slave mode. In master mode, LRCLK and BCLK are
generated by the WM8788. In slave mode, LRCLK and BCLK are inputs to the WM8788.
The digital audio interface is configured using the hardware control pins MASTER, OSR, AIFMODE0
and AIFMODE1. Note that these pins are tri-state digital inputs. The logic 1 and logic 0 voltage levels
are referenced to the AVDD power domain. A logic ‘Z’ is a high-impedance condition which is
selected when the pin is floating and not connected.
A description of the hardware control pins is provided in the “Digital Audio Interface Control” section
below.
The digital audio interface protocols are described in the “Master and Slave Mode Operation” and
“Audio Data Formats” sections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com