Electronic Components Datasheet Search
  English  ▼

X  

WM8788 Datasheet(PDF) 10 Page - Wolfson Microelectronics plc

Part # WM8788
Description  High Performance 24-bit Stereo ADC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8788 Datasheet(HTML) 10 Page - Wolfson Microelectronics plc

Back Button WM8788 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8788 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8788 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8788 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8788 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8788 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8788 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8788 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8788 Datasheet HTML 14Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
WM8788
Preliminary Technical Data
w
PTD, December 2010, Rev 2.2
10
DEVICE DESCRIPTION
INTRODUCTION
The WM8788 is a high-performance 24-bit stereo ADC designed for LCD televisions, DVD, Blu-Ray
and set-top box applications. It is packaged in a 16-pin TSSOP.
The device comprises two analogue input channels. External resistors are used to configure the
device for line level inputs at 1Vrms or for higher input signal levels.
The stereo hi-fi ADCs operate at sample rates from 8kHz to 192kHz. A high pass filter is provided in
the ADC path for removing DC offsets and suppressing low frequency noise.
The digital audio interface can operate in Master or Slave mode and supports the ADC output in
Right-justified, Left-justified or I2S format. The data word size is selectable between 16, 20 or 24 bits.
The device configuration is selected using hardware control inputs. The digital control inputs use tri-
state logic in order to support many different configuration selections.
The WM8788 incorporates an internal voltage reference and LDO regulator for power-efficient
operation from a single power supply. External clocking is required via the MCLK pin.
A power on reset (PoR) circuit ensures correct start-up and shut-down. The WM8788 is held in reset
when MCLK is not present, offering a low-power standby state.
CALIBRATED START-UP
The WM8788 chip has a phase calibration circuit that is active in slave mode. This circuit
detects incoming clock phase relationship and configures the device automatically to ensure
best performance of the device.
Phase calibration starts as soon as the device comes out of reset, and takes 64 BCLK
periods from Power on Reset to complete. Note that once the clock signals are calibrated
and in phase, no further calibration will take place until the device next comes out of reset.
For the phase calibration to work effectively, the calibration must take place when the MCLK
and the BCLK signals are stable with a fixed phase relationship and running at the frequency
which the device will eventually operate. There are three different sequences that allow the
system designer to ensure that this can happen:
1.
Ensure that MCLK and BCLK have a fixed phase relationship before LRCLK is
applied
2.
After power-up, pause LRCLK for a minimum of 1 period
3.
After power-up, stop MCLK for a minimum of 20 periods. Then re-start MCLK in a
fixed phase and frequency relationship to BCLK
In option (1), the device will be held in reset if no LRCLK is applied. MCLK and BLCK must
be in a fixed and final operation phase relationship and frequency before LRCLK is applied.
Options (2) and (3) both digitally reset the device, and can be used if the clock relationship
changes during operation to allow re-calibration to the new relationship.
If sample rate is changed, it is recommended that either Option 2 or Option 3 above is
carried out once the sample rate change is complete.
Note that phase calibration only takes place in Slave Mode. In Master Mode, the phase
calibration circuit is not required and is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com