Electronic Components Datasheet Search
  English  ▼

X  

ADP5052 Datasheet(PDF) 13 Page - Analog Devices

Part # ADP5052
Description  5-Channel Integrated Power Solution with Quad Buck Regulators and 200 mA LDO Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5052 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADP5052 Datasheet HTML 9Page - Analog Devices ADP5052 Datasheet HTML 10Page - Analog Devices ADP5052 Datasheet HTML 11Page - Analog Devices ADP5052 Datasheet HTML 12Page - Analog Devices ADP5052 Datasheet HTML 13Page - Analog Devices ADP5052 Datasheet HTML 14Page - Analog Devices ADP5052 Datasheet HTML 15Page - Analog Devices ADP5052 Datasheet HTML 16Page - Analog Devices ADP5052 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
Data Sheet
ADP5052
Rev. 0 | Page 13 of 40
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
–50
–20
10
40
70
100
130
TEMPERATURE (°C)
Figure 16. 0.8 V Feedback Voltage Accuracy vs. Temperature
for Channel 1, Adjustable Output Model
550
600
650
700
750
800
850
–50
–20
10
40
70
100
130
TEMPERATURE (°C)
Figure 17. Frequency vs. Temperature, VIN = 12 V
3.0
3.5
4.0
4.5
5.0
5.5
6.0
–50
0
25
–25
50
75
125
100
150
TEMPERATURE (°C)
Figure 18. Quescient Current vs. Temperature (Includes PVIN1, PVIN2,
PVIN3, and PVIN4)
15
25
35
45
55
65
75
TEMPERATURE (°C)
–50
0
25
–25
50
75
125
100
150
VIN = 4.5V
VIN = 7.0V
VIN = 12V
VIN = 15V
Figure 19. Shutdown Current vs. Temperature (EN1, EN2, EN3,
EN4, and EN5 Low)
3.0
3.2
3.4
3.6
3.8
4.0
4.2
4.4
4.6
4.8
5.0
–50
–20
10
40
70
100
130
TEMPERATURE (°C)
RISING
FALLING
Figure 20. UVLO Threshold vs. Temperature
0
1
2
3
4
5
6
7
4
6
8
10
12
14
16
INPUT VOLTAGE (V)
RILIM = 22kΩ
RILIM = OPEN
RILIM = 47kΩ
Figure 21. Channel 1/Channel 2 Current Limit vs. Input Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com