Electronic Components Datasheet Search
  English  ▼

X  

ADP5052 Datasheet(PDF) 22 Page - Analog Devices

Part # ADP5052
Description  5-Channel Integrated Power Solution with Quad Buck Regulators and 200 mA LDO Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5052 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADP5052 Datasheet HTML 18Page - Analog Devices ADP5052 Datasheet HTML 19Page - Analog Devices ADP5052 Datasheet HTML 20Page - Analog Devices ADP5052 Datasheet HTML 21Page - Analog Devices ADP5052 Datasheet HTML 22Page - Analog Devices ADP5052 Datasheet HTML 23Page - Analog Devices ADP5052 Datasheet HTML 24Page - Analog Devices ADP5052 Datasheet HTML 25Page - Analog Devices ADP5052 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
ADP5052
Data Sheet
Rev. 0 | Page 22 of 40
UNDERVOLTAGE LOCKOUT (UVLO)
Undervoltage lockout circuitry monitors the input voltage level of
each buck regulator in the ADP5052. If any input voltage (PVINx
pin) falls below 3.78 V (typical), the corresponding channel is
turned off. After the input voltage rises above 4.2 V (typical), the
soft start period is initiated, and the corresponding channel is
enabled when the ENx pin is high.
Note that a UVLO condition on Channel 1 (PVIN1 pin) has
a higher priority than a UVLO condition on other channels,
which means that the PVIN1 supply must be available before
other channels can be operated.
POWER-GOOD FUNCTION
The ADP5052 includes an open-drain power-good output
(PWRGD pin) that becomes active high when the selected buck
regulators are operating normally. By default, the PWRGD pin
monitors the output voltage on Channel 1. Other channels can
be configured to control the PWRGD pin when the ADP5052
is ordered (see Table 19).
A logic high on the PWRGD pin indicates that the regulated
output voltage of the buck regulator is above 90.5% (typical) of
its nominal output. When the regulated output voltage of the
buck regulator falls below 87.2% (typical) of its nominal output
for a delay time greater than approximately 50 µs, the PWRGD
pin goes low.
The output of the PWRGD pin is the logical AND of the internal
PWRGx signals. An internal PWRGx signal must be high for a
validation time of 1 ms before the PWRGD pin goes high; if one
PWRGx signal fails, the PWRGD pin goes low with no delay. The
channels that control the PWRGD pin (Channel 1 to Channel 4)
can be specified by factory fuse. The default PWRGD setting is
to monitor the output of Channel 1.
THERMAL SHUTDOWN
If the ADP5052 junction temperature exceeds 150°C, the thermal
shutdown circuit turns off the IC except for the internal linear
regulators. Extreme junction temperatures can be the result of
high current operation, poor circuit board design, or high ambient
temperature. A 15°C hysteresis is included so that the ADP5052
does not return to operation after thermal shutdown until the
on-chip temperature falls below 135°C. When the part exits ther-
mal shutdown, a soft start is initiated for each enabled channel.
LDO REGULATOR
The ADP5052 integrates a general-purpose LDO regulator with
low quiescent current and low dropout voltage. The LDO regu-
lator provides up to 200 mA of output current.
The LDO regulator operates with an input voltage of 1.7 V to
5.5 V. The wide supply range makes the regulator suitable for
cascading configurations where the LDO supply voltage is
provided from one of the buck regulators. The LDO output
voltage is set using an external resistor divider (see Figure 48).
LDO
FB5
VOUT5
EN5
PVIN5
C1
1µF
RA
RB
C2
1µF
1.7V TO 5.5V
Figure 48. 200 mA LDO Regulator
The LDO regulator provides a high power supply rejection ratio
(PSRR), low output noise, and excellent line and load transient
response using small 1 µF ceramic input and output capacitors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com