Electronic Components Datasheet Search
  English  ▼

X  

ADP5052 Datasheet(PDF) 33 Page - Analog Devices

Part # ADP5052
Description  5-Channel Integrated Power Solution with Quad Buck Regulators and 200 mA LDO Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5052 Datasheet(HTML) 33 Page - Analog Devices

Back Button ADP5052 Datasheet HTML 29Page - Analog Devices ADP5052 Datasheet HTML 30Page - Analog Devices ADP5052 Datasheet HTML 31Page - Analog Devices ADP5052 Datasheet HTML 32Page - Analog Devices ADP5052 Datasheet HTML 33Page - Analog Devices ADP5052 Datasheet HTML 34Page - Analog Devices ADP5052 Datasheet HTML 35Page - Analog Devices ADP5052 Datasheet HTML 36Page - Analog Devices ADP5052 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 40 page
background image
Data Sheet
ADP5052
Rev. 0 | Page 33 of 40
VREG
CHANNEL 2
BUCK REGULATOR
(1.2A/2.5A/4A)
CHANNEL 3
BUCK REGULATOR
(1.2A)
OSCILLATOR
INT VREG
100mA
Q1
Q2
L1
L2
SYNC/MODE
RT
FB1
BST1
SW1
DL1
PGND
DL2
SW2
BST2
FB2
L3
BST3
SW3
FB3
PGND3
L4
10µH
6.8µH
2.2µH
1.5µH
BST4
SW4
FB4
PGND4
VREG
PVIN1
COMP1
EN1
PVIN2
COMP2
EN2
PVIN3
SS34
COMP3
EN3
PVIN4
COMP4
EN4
C2
10µF
C1
1.0µF
C4
47µF
C3
0.1µF
C5
10µF
C6
0.1µF
C7
47µF
C8
10µF
C9
0.1µF
C10
22µF
C11
10µF
C12
0.1µF
C13
22µF
12V
VOUT1
VOUT2
FPGA
2.5V/4A
1.2V/100mA
1.5V/1.2A
3.3V/1.2A
1.2V/4A
DDR
TERM. LDO
DDR
MEMORY
FLASH
MEMORY
VCORE
I/O BANK 1
I/O BANK 0
I/O BANK 2
VOUT3
VOUT4
22kΩ
31.6kΩ
22kΩ
SS12
VREG
C0
1.0µF
VDD
CHANNEL 5
200mA LDO
REGULATOR
FB5
EN5
VOUT5
PVIN5
C15
1µF
C14
1µF
VOUT5
ADP5052
CHANNEL 1
BUCK REGULATOR
(1.2A/2.5A/4A)
CHANNEL 4
BUCK REGULATOR
(1.2A)
C16
47µF
PWRGD
C17
47µF
VREG
MGTs
I/O BANK 3
AUXILIARY
VOLTAGE
EXPOSED PAD
Si7232DN
(16.4mΩ)
5V REG
5V REG
6.81kΩ
2.7nF
10kΩ
2.7nF
10kΩ
2.7nF
6.81kΩ
10kΩ
10.2kΩ
31.6kΩ
10.2kΩ
8.87kΩ
10.2kΩ
4.99kΩ
10kΩ
21.5kΩ
14kΩ
2.7nF
Figure 55. Typical FPGA Application, 600 kHz Switching Frequency, Adjustable Output Model



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com