Electronic Components Datasheet Search
  English  ▼

X  

ADP5052 Datasheet(PDF) 30 Page - Analog Devices

Part # ADP5052
Description  5-Channel Integrated Power Solution with Quad Buck Regulators and 200 mA LDO Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5052 Datasheet(HTML) 30 Page - Analog Devices

Back Button ADP5052 Datasheet HTML 26Page - Analog Devices ADP5052 Datasheet HTML 27Page - Analog Devices ADP5052 Datasheet HTML 28Page - Analog Devices ADP5052 Datasheet HTML 29Page - Analog Devices ADP5052 Datasheet HTML 30Page - Analog Devices ADP5052 Datasheet HTML 31Page - Analog Devices ADP5052 Datasheet HTML 32Page - Analog Devices ADP5052 Datasheet HTML 33Page - Analog Devices ADP5052 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 40 page
background image
ADP5052
Data Sheet
Rev. 0 | Page 30 of 40
RECOMMENDED EXTERNAL COMPONENTS
Table 13 lists the recommended external components for 4 A applications used with Channel 1 and Channel 2 of the ADP5052.
Table 14 lists the recommended external components for 1.2 A applications used with Channel 3 and Channel 4.
Table 13. Recommended External Components for Typical 4 A Applications, Channel 1 and Channel 2
(±1% Output Ripple, ±7.5% Tolerance at ~60% Step Transient)
fSW (kHz)
IOUT (A)
VIN (V)
VOUT (V)
L (µH)
COUT (µF)
RTOP (kΩ)
RBOT (kΩ)
RC (kΩ)
CC (pF)
Dual FET
300
4
12 (or 5)
1.2
3.3
2 × 1001
4.99
10
10
4700
Si7232DN
12 (or 5)
1.5
3.3
2 × 1001
8.87
10.2
10
4700
Si7232DN
12 (or 5)
1.8
3.3
3 × 472
12.7
10.2
6.81
4700
Si7232DN
12 (or 5)
2.5
4.7
3 × 472
21.5
10.2
10
4700
Si7232DN
12 (or 5)
3.3
6.8
3 × 472
31.6
10.2
10
4700
Si7232DN
12
5.0
6.8
473
52.3
10
4.7
4700
Si7232DN
600
4
12 (or 5)
1.2
1.5
2 × 472
4.99
10
10
2700
Si7232DN
12 (or 5)
1.5
1.5
2 × 472
8.87
10.2
10
2700
Si7232DN
12 (or 5)
1.8
2.2
2 × 472
12.7
10.2
10
2700
Si7232DN
12 (or 5)
2.5
2.2
2 × 472
21.5
10.2
10
2700
Si7232DN
12 (or 5)
3.3
3.3
2 × 472
31.6
10.2
15
2700
Si7232DN
12
5.0
3.3
473
52.3
10
10
2700
Si7232DN
1000
4
5
1.2
1.0
2 × 472
4.99
10
15
1500
Si7232DN
5
1.5
1.0
2 × 472
8.87
10.2
15
1500
Si7232DN
12 (or 5)
1.8
1.0
472
12.7
10.2
10
1500
Si7232DN
12 (or 5)
2.5
1.5
472
21.5
10.2
10
1500
Si7232DN
12 (or 5)
3.3
1.5
472
31.6
10.2
10
1500
Si7232DN
12
5.0
2.2
473
52.3
10
15
1500
Si7232DN
1
100 µF capacitor: Murata GRM31CR60J107ME39 (6.3 V, X5R, 1206).
2
47 µF capacitor: Murata GRM21BR60J476ME15 (6.3 V, X5R, 0805).
3
47 µF capacitor: Murata GRM31CR61A476ME15 (10 V, X5R, 1206).
Table 14. Recommended External Components for Typical 1.2 A Applications, Channel 3 and Channel 4
(±1% Output Ripple, ±7.5% Tolerance at ~60% Step Transient)
fSW (kHz)
IOUT (A)
VIN (V)
VOUT (V)
L (µH)
COUT (µF)
RTOP (kΩ)
RBOT (kΩ)
RC (kΩ)
CC (pF)
300
1.2
12 (or 5)
1.2
10
2 × 221
4.99
10
6.81
4700
12 (or 5)
1.5
10
2 × 221
8.87
10.2
6.81
4700
12 (or 5)
1.8
15
2 × 221
12.7
10.2
6.81
4700
12 (or 5)
2.5
15
2 × 221
21.5
10.2
6.81
4700
12 (or 5)
3.3
22
2 × 221
31.6
10.2
6.81
4700
12
5.0
22
222
52.3
10
6.81
4700
600
1.2
12 (or 5)
1.2
4.7
221
4.99
10
6.81
2700
12 (or 5)
1.5
6.8
221
8.87
10.2
6.81
2700
12 (or 5)
1.8
6.8
221
12.7
10.2
6.81
2700
12 (or 5)
2.5
10
221
21.5
10.2
6.81
2700
12 (or 5)
3.3
10
221
31.6
10.2
6.81
2700
12
5.0
10
222
52.3
10
6.81
2700
1000
1.2
5
1.2
2.2
221
4.99
10
10
1800
12 (or 5)
1.5
3.3
221
8.87
10.2
10
1800
12 (or 5)
1.8
4.7
221
12.7
10.2
10
1800
12 (or 5)
2.5
4.7
221
21.5
10.2
10
1800
12 (or 5)
3.3
6.8
221
31.6
10.2
10
1800
12
5.0
6.8
222
52.3
10
15
1800
1
22 µF capacitor: Murata GRM188R60J226MEA0 (6.3 V, X5R, 0603).
2
22 µF capacitor: Murata GRM219R61A226MEA0 (10 V, X5R, 0805).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com