Electronic Components Datasheet Search
  English  ▼

X  

WM8952 Datasheet(PDF) 10 Page - Wolfson Microelectronics plc

Part # WM8952
Description  Mono ADC with Microphone Pre-amplifier
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8952 Datasheet(HTML) 10 Page - Wolfson Microelectronics plc

Back Button WM8952 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8952 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8952 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8952 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8952 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8952 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8952 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8952 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8952 Datasheet HTML 14Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 72 page
background image
WM8952
Pre Production
w
PP, Rev 3.1, June 2011
10
POWER CONSUMPTION
Typical current consumption for various scenarios is shown below.
MODE
AVDD
(3V3)
mA
DVDD
(1.8V)
mA
TOTAL
POWER
(mW)
Power OFF (No Clocks)
0.038
0
0.125
Sleep (VMID maintained, No Clocks)
0.190
0
0.627
Mono Record (MIC input, +20dB gain, 8kHz,
quiescent) SLAVE
4.1
0.3
14.2
Mono Record (MIC input, +20dB gain, 44.1kHz, PLL,
quiescent) MASTER
5.3
2.1
21.1
Table 1 Power Consumption



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com