Electronic Components Datasheet Search
  English  ▼

X  

WM8952 Datasheet(PDF) 23 Page - Wolfson Microelectronics plc

Part # WM8952
Description  Mono ADC with Microphone Pre-amplifier
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8952 Datasheet(HTML) 23 Page - Wolfson Microelectronics plc

Back Button WM8952 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8952 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8952 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8952 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8952 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8952 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8952 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8952 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8952 Datasheet HTML 27Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 72 page
background image
Pre Production
WM8952
w
PP, Rev 3.1, June 2011
23
SELECTABLE HIGH PASS FILTER
A selectable high pass filter is provided. To disable this filter set HPFEN=0. The filter has two
modes controlled by HPFAPP. In Audio Mode (HPFAPP=0) the filter is first order, with a cut-off
frequency of 3.7Hz. In Application Mode (HPFAPP=1) the filter is second order, with a cut-off
frequency selectable via the HPFCUT register. The cut-off frequencies when HPFAPP=1 are shown
in Table 14.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R14
ADC Control
8
HPFEN
1
High Pass Filter Enable
0=disabled
1=enabled
7
HPFAPP
0
Select audio mode or application mode
0=Audio mode (1st order, fc = ~3.7Hz)
1=Application mode (2nd order, fc =
HPFCUT)
6:4
HPFCUT
000
Application mode cut-off frequency
See Table 14 for details.
Table 13 ADC Filter Select
HPFCUT
FS (KHZ)
SR=101/100
SR=011/010
SR=001/000
8
11.02
5
12
16
22.0
5
24
32
44.1
48
000
82
113
122
82
113
122
82
113
122
001
102
141
153
102
141
153
102
141
153
010
131
180
196
131
180
196
131
180
196
011
163
225
245
163
225
245
163
225
245
100
204
281
306
204
281
306
204
281
306
101
261
360
392
261
360
392
261
360
392
110
327
450
490
327
450
490
327
450
490
111
408
563
612
408
563
612
408
563
612
Table 14 High Pass Filter Cut-off Frequencies (HPFAPP=1)
Note that the High Pass filter values (when HPFAPP=1) work on the basis that the SR register bits
are set correctly for the actual sample rate as shown in Table 14.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com