Electronic Components Datasheet Search
  English  ▼

X  

WM8952 Datasheet(PDF) 22 Page - Wolfson Microelectronics plc

Part # WM8952
Description  Mono ADC with Microphone Pre-amplifier
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8952 Datasheet(HTML) 22 Page - Wolfson Microelectronics plc

Back Button WM8952 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8952 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8952 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8952 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8952 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8952 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8952 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8952 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8952 Datasheet HTML 26Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 72 page
background image
WM8952
Pre Production
w
PP, Rev 3.1, June 2011
22
ANALOGUE TO DIGITAL CONVERTER (ADC)
The WM8952 uses a multi-bit, oversampled sigma-delta ADC channel. The use of multi-bit feedback
and high oversampling rates reduces the effects of jitter and high frequency noise. The ADC Full
Scale input level is proportional to AVDD. With a 3.3V supply voltage, the full scale level is 1.0Vrms.
Any voltage greater than full scale may overload the ADC and cause distortion.
ADC DIGITAL FILTERS
The ADC filters perform true 24 bit signal processing to convert the raw multi-bit oversampled data
from the ADC to the correct sampling frequency to be output on the digital audio interface. The
digital filter path is illustrated in Figure 10.
Figure 10 ADC Digital Filter Path
The ADC is enabled by the ADCEN register bit.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R2
Power
management 2
0
ADCEN
0
0 = ADC disabled
1 = ADC enabled
Table 11 ADC Enable
The polarity of the output signal can also be changed under software control using the ADCPOL
register bit.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R14
ADC Control
0
ADCPOL
0
0=normal
1=inverted
Table 12 ADC Polarity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com