Electronic Components Datasheet Search
  English  ▼

X  

WM8952 Datasheet(PDF) 30 Page - Wolfson Microelectronics plc

Part # WM8952
Description  Mono ADC with Microphone Pre-amplifier
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8952 Datasheet(HTML) 30 Page - Wolfson Microelectronics plc

Back Button WM8952 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8952 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8952 Datasheet HTML 28Page - Wolfson Microelectronics plc WM8952 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8952 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8952 Datasheet HTML 31Page - Wolfson Microelectronics plc WM8952 Datasheet HTML 32Page - Wolfson Microelectronics plc WM8952 Datasheet HTML 33Page - Wolfson Microelectronics plc WM8952 Datasheet HTML 34Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 72 page
background image
WM8952
Pre Production
w
PP, Rev 3.1, June 2011
30
LIMITER MODE
In limiter mode, the ALC will reduce peaks that go above the threshold level, but will not increase the
PGA gain beyond the starting level. The starting level is the PGA gain setting when the ALC is
enabled in limiter mode. If the ALC is started in limiter mode, this is the gain setting of the PGA at
start-up. If the ALC is switched into limiter mode after running in ALC mode, the starting gain will be
the gain at switchover. The diagram below shows an example of limiter mode.
Figure 13 ALC Limiter Mode Operation
ATTACK AND DECAY TIMES
The attack and decay times set the update times for the PGA gain. The attack time is the time
constant used when the gain is reducing. The decay time is the time constant used when the gain is
increasing. In limiter mode, the time constants are faster than in ALC mode. The time constants
are shown below in terms of a single gain step, a change of 6dB and a change of 90% of the PGAs
gain range.
Note that, these times will vary slightly depending on the sample rate used (specified by the SR
register).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com