Electronic Components Datasheet Search
  English  ▼

X  

ACE25C512 Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE25C512
Description  512K-BIT Serial Flash Memory
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25C512 Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE25C512 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE25C512 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE25C512 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE25C512 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE25C512 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE25C512 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE25C512 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE25C512 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE25C512 Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
ACE25C512
512K-BIT Serial Flash Memory
VER 1.2
1
Description
The ACE25C512 is a 512K-BIT (64K-byte) Serial Flash memory, with advanced write protection mechanisms. The
ACE25C512 supports the standard Serial Peripheral Interface (SPI), and a high performance Dual output as well as
Dual I/O.
The ACE25C512 can be programmed 1 to 256 bytes at a time, using the Page Program instruction. It is designed to
allow either single Sector/Block at a time or full chip erase operation. The ACE25C512 can be configured to protect part
of the memory as the software protected mode. The device can sustain a minimum of 100K program/erase cycles on
each sector or block.
Features
 512K-BIT of Flash memory
- 16 uniform sectors with 4K-byte each
- 1 block with 64K-byte
- 2 uniform blocks with 32K-byte each
- 256 bytes per programmable page
 Wide Operation Range
- 2.7V~3.6V single voltage supply
- Industrial temperature range
 Serial Interface
- Standard SPI: CLK, CS#, DI, DO, WP#
- Dual SPI: CLK, CS#, DQ0, DQ1, WP#
- Continuous READ mode support
 High Performance
- Max FAST_READ clock frequency: 100MHz
- Max READ clock frequency: 50MHz
- Typical page program time: 1.5ms
- Typical sector erase time: 90ms
- Typical chip erase time: 0.5s
 Low Power Consumption
- Typical standby current: 1µA
 Security
- Software and hardware write protection
- Lockable 256-Byte OTP security sectors
- Low Voltage Write Inhibit
- 64-BIT Unique ID for each device
 High Reliability
- Endurance: 100,000program/erase cycles
- Data retention: 20years


Similar Part No. - ACE25C512

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE25C512G ACE-ACE25C512G Datasheet
1Mb / 37P
Uniform Sector Dual and Quad Serial Flash
VER 1.5
More results

Similar Description - ACE25C512

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT28F512 CATALYST-CAT28F512 Datasheet
97Kb / 14P
512K-Bit CMOS Flash Memory
CAT28F512 CATALYST-CAT28F512_04 Datasheet
428Kb / 15P
512K-Bit CMOS Flash Memory
logo
Sanyo Semicon Device
LE25FU206 SANYO-LE25FU206 Datasheet
144Kb / 21P
2M-bit Serial Flash Memory
logo
ON Semiconductor
CAT28F512 ONSEMI-CAT28F512 Datasheet
107Kb / 16P
512K-Bit CMOS Flash Memory
Doc. No. MD-1084, Rev. K
logo
Sanyo Semicon Device
LE25U40CQE SANYO-LE25U40CQE Datasheet
139Kb / 22P
4M-bit (512K??) Serial Flash Memory
logo
Macronix International
MX25U1001E MCNIX-MX25U1001E Datasheet
951Kb / 42P
512K-BIT [x 1/x 4] CMOS MXSMIO??SERIAL FLASH MEMORY
logo
ON Semiconductor
ENA2312 ONSEMI-ENA2312 Datasheet
159Kb / 23P
4M-bit (512K x 8) Serial Flash Memory
April, 2014
logo
ELM Electronics
GD25D05B ELM-GD25D05B Datasheet
2Mb / 28P
512K-bit Serial Flash
logo
Macronix International
MX25L512EZUI-10G MCNIX-MX25L512EZUI-10G Datasheet
1Mb / 91P
512K-BIT [x 1/x 2] CMOS SERIAL NOR FLASH MEMORY
logo
List of Unclassifed Man...
PN25F08 ETC2-PN25F08 Datasheet
1Mb / 59P
8M-BIT SERIAL FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com