Electronic Components Datasheet Search
  English  ▼

X  

ACE25C512 Datasheet(PDF) 12 Page - ACE Technology Co., LTD.

Part # ACE25C512
Description  512K-BIT Serial Flash Memory
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25C512 Datasheet(HTML) 12 Page - ACE Technology Co., LTD.

Back Button ACE25C512 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE25C512 Datasheet HTML 9Page - ACE Technology Co., LTD. ACE25C512 Datasheet HTML 10Page - ACE Technology Co., LTD. ACE25C512 Datasheet HTML 11Page - ACE Technology Co., LTD. ACE25C512 Datasheet HTML 12Page - ACE Technology Co., LTD. ACE25C512 Datasheet HTML 13Page - ACE Technology Co., LTD. ACE25C512 Datasheet HTML 14Page - ACE Technology Co., LTD. ACE25C512 Datasheet HTML 15Page - ACE Technology Co., LTD. ACE25C512 Datasheet HTML 16Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
ACE25C512
512K-BIT Serial Flash Memory
VER 1.2
12
Figure 7 Read status register instruction
Write Status Register (WRSR) (01h)
The Write Status Register (WRSR) instruction allows the Status Regist er to be written. Only
non-volatile Status Register bits SRP, BP2, BP1, BP0 can be written to. All other Status Register bit
locations are read-only and will not be affected by the Write Status Register (WRSR) instruction. The
Status Register bits are shown in Figure 4, and described in 10 Status Register.
To write non-volatile Status Register bits, a standard Write Enable (06h) instruction must previously
have been executed for the device to accept the Write Status Register (WRSR)
instruction (Status
Register bit WEL must equal 1). Once write enabled, the instruction is entered by driving CS# low,
sending the instruction code “01h”, and then writing the status register data byte as illustrated in
Figure 8.
To complete the Write Status Register (WRSR) instruction, the CS# pin must be driven high after the
eighth or sixteenth bit of data that is clocked in. If this is not done the Write Status Register (WRSR)
instruction will not be executed.
During non-volatile Status Register write operation (06h combined with 01h), after CS# is driven high,
the self-timed Write Status Register cycle will commence for a time duration of tW (See “12.6 AC
Electrical Characteristics”). While the Write Status Register cycle is in progress, the Read Status
Register instruction may still be accessed to check the status of the WIP bit. The WIP bit is a 1 during
the Write Status Register cycle and a 0 when the cycle is finished and ready to accept other
instructions again. After the Write Status Register cycle has finished, the Write Enable Latch (WEL) bit
in the Status Register will be cleared to 0.
Figure 8 Writes status register instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com