Electronic Components Datasheet Search
  English  ▼

X  

ACE25C512 Datasheet(PDF) 11 Page - ACE Technology Co., LTD.

Part # ACE25C512
Description  512K-BIT Serial Flash Memory
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25C512 Datasheet(HTML) 11 Page - ACE Technology Co., LTD.

Back Button ACE25C512 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE25C512 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE25C512 Datasheet HTML 9Page - ACE Technology Co., LTD. ACE25C512 Datasheet HTML 10Page - ACE Technology Co., LTD. ACE25C512 Datasheet HTML 11Page - ACE Technology Co., LTD. ACE25C512 Datasheet HTML 12Page - ACE Technology Co., LTD. ACE25C512 Datasheet HTML 13Page - ACE Technology Co., LTD. ACE25C512 Datasheet HTML 14Page - ACE Technology Co., LTD. ACE25C512 Datasheet HTML 15Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
ACE25C512
512K-BIT Serial Flash Memory
VER 1.2
11
Figure 5 Write enable instruction
Write disable (WRDI) (04h)
The Write Disable (WRDI) instruction (Figure 6) resets the Write Enable Latch (WEL) bit in the Status
Register to a 0. The Write Disable (WRDI) instruction is entered by driving CS# low, shifting the
instruction code “04h” into the DI pin and then driving CS# high. Note that the WEL bit is automatically
reset after Power-up and upon completion of the Write Status Register, Page Program, Sector Erase,
Block Erase, Chip Erase instructions.
Figure 6 Write disable instruction
Read status register (RDSR) (05h)
The Read Status Register instructions allow the 8-bit Status Registers to be read. The instruction is
entered by driving CS# low and shifting the instruction code “05h” into the DI pin on the rising edge of
CLK. The status register bits are then shifted out on the DO pin at the falling edge of CLK with most
significant bit (MSB) first as shown in Figure 7. The Status Register bits are shown in Figure 4 and
include the WIP, WEL, BP2-BP0 and SRP bits.
The Read Status Register instruction may be used at any time, even while a Program, Erase or Write
Status Register cycle is in progress. This allows the WIP status bit to be checked to determine when
the cycle is complete and if the device can accept another instruction. The Status Register can be
read continuously. The instruction is completed by driving CS# high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com