Electronic Components Datasheet Search
  English  ▼

X  

LR1551 Datasheet(PDF) 2 Page - Leshan Radio Company

Part # LR1551
Description  2.7 Low Voltage SPDT Analog Switch in 6-pin SOT363
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR1551 Datasheet(HTML) 2 Page - Leshan Radio Company

  LR1551 Datasheet HTML 1Page - Leshan Radio Company LR1551 Datasheet HTML 2Page - Leshan Radio Company LR1551 Datasheet HTML 3Page - Leshan Radio Company LR1551 Datasheet HTML 4Page - Leshan Radio Company LR1551 Datasheet HTML 5Page - Leshan Radio Company LR1551 Datasheet HTML 6Page - Leshan Radio Company LR1551 Datasheet HTML 7Page - Leshan Radio Company LR1551 Datasheet HTML 8Page - Leshan Radio Company LR1551 Datasheet HTML 9Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Min
Max
Units
DC Supply Voltage
VCC
-0.3
6
V
DC Switch Voltage
VA1/ VA2/ VB
-0.3
VSUP + 0.3
V
DC Input Voltage
VENB
-0.3
VSUP + 0.3
V
Continuous Current
I(A1/A2/B)
-200
+200
mA
Peak Current
(1)
IPEAK(A1/A2/B)
-300
+300
mA
Operating Temperature Range
TA
-40
85
℃
Notes:
(1) Pulsed at 1ms, 50% duty circle
(2) Stress beyond above listed “Absolute Maximum Ratings” may lead permanent damage to the device.
These are stress ratings only and operations of the device at these or any other conditions beyond those
indicated in the operational sections of the specifications are not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
(3) Control input(VENB) must be held HIGH or LOW, and mustn’t be floated.
RECOMMENDED OPERATING CONDITIONS
DC Supply Voltage (VCC) …………………………………………….1.8V to 5.5V
Switch Input Voltage (VS) ………………………………………………...0V to VCC
Control Input Voltage (VENB)……………………………………………. 0V to VCC
Operation Temperature (TA)……………………………………..-40℃ to +85℃
ORDERING INFORMATION
MODEL
PIN-
PACKAGE
SPECIFIED
TEMPERATURE
RANGE
PACKAGE
MARKING
PACKAGE
OPTION
LR1551
SOT363 - 6
- 40°C to +85°C
Asss (1)
Tape and Reel, 3000
WHERE(1):
“sss” IS 3 DIGITS PRODUCTION ID
SIZE OF ALL OTHER CHARACTERS = 20 mil
COLOUR:
LASER MARKING
Leshan Radio Co ., Ltd
2/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com