Electronic Components Datasheet Search
  English  ▼

X  

LR1551 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # LR1551
Description  2.7 Low Voltage SPDT Analog Switch in 6-pin SOT363
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR1551 Datasheet(HTML) 1 Page - Leshan Radio Company

  LR1551 Datasheet HTML 1Page - Leshan Radio Company LR1551 Datasheet HTML 2Page - Leshan Radio Company LR1551 Datasheet HTML 3Page - Leshan Radio Company LR1551 Datasheet HTML 4Page - Leshan Radio Company LR1551 Datasheet HTML 5Page - Leshan Radio Company LR1551 Datasheet HTML 6Page - Leshan Radio Company LR1551 Datasheet HTML 7Page - Leshan Radio Company LR1551 Datasheet HTML 8Page - Leshan Radio Company LR1551 Datasheet HTML 9Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
2.7Ω
Ω
Ω
Ω Low Voltage SPDT Analog Switch in 6-pin SOT363
Features
Wide Power Supply Range: 1.8V to 5.5V
High Bandwidth: 300MHz
High Off-Isolation:
84dB at 1MHz
51dB at 10MHz
On-Resistance: 2.7Ω(typ) at 5.0V
Fast Switching Time
ton = 12.0ns; toff = 5.0ns
TTL/CMOS Compatible
Break-Before-Make Switching
Rail-to-Rail Signal Range
Operation Temperature Range:
-40℃ to 85℃
Lead (Pb) Free SOT363-6 Package
Applications
Wireless Handsets
MP3 Players
Portable Electronic Devices
Relay Replacement
PDAs
Audio & Video Signal Routing
PCMCIA Cards
Computer Peripherals
Modems
Pin Configuration
6
66
6
5
55
5
4
44
4
ENB VCC B
ASSS
1
11
1
2
22
2
3
33
3
A1 GND A2
Description
The LR1551 is a Single Wide-Bandwidth, fast single-
pole double-throw (SPDT) CMOS switch featuring an
On-Resistance of 2.7 ohm at VCC=5.0V and wide
power supply range from 1.8V to 5.5V. It can be used
as an analog switch or as a low-delay bus switch.
The 300MHz high bandwidth performance supports
the high frequency application.
Break-before-make function for both parts eliminates
signal disruption during switching from preventing
both switches being enabled simultaneously.
Block Diagram
1
11
1
2
22
2
3
33
3
6
66
6
5
55
5
4
44
4
LR1551
A1
GND
A2
ENB
VCC
B
Function Table
ENB
Function
1
A1 Connected to B
0
A2 Connected to B
Pin Description
Pin Name
Type
Description
VCC
PWR
Power Supply
GND
Ground
Ground
B
Input/Output
Data Port
A1
Input/Output
Data Port
A2
Input/Output
Data Port
ENB
Input
Logic Control Signal
SSS: production id
LR1551
Leshan Radio Co ., Ltd
1/10


Similar Part No. - LR1551

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LR1552 LRC-LR1552 Datasheet
239Kb / 7P
Dual SPDT Analog Switch with Chip Scale Packaging
LR1553 LRC-LR1553 Datasheet
160Kb / 8P
0.6 Low Ron??0MHz High BW SPDT Analog Switch
LR1554 LRC-LR1554 Datasheet
451Kb / 6P
L ow Voltage 0.4 Quad SPDT Analog Switch
More results

Similar Description - LR1551

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM3167 SGMICRO-SGM3167 Datasheet
408Kb / 10P
600MHz Low Voltage SPDT Analog Switch in 6-pin SC70
logo
Global Mixed-mode Techn...
G3201 GMT-G3201 Datasheet
165Kb / 1P
Low-Voltage SPDT Analog Switch
logo
Union Semiconductor, In...
UM3156 UNIONSEMI-UM3156 Datasheet
390Kb / 9P
Low-Voltage SPDT Analog Switch
logo
SG Micro Corp
SGM3157 SGMICRO-SGM3157_15 Datasheet
319Kb / 11P
Low Voltage SPDT Analog Switch in 6-Pin SC70
logo
Union Semiconductor, In...
UM3156 UNIONSEMI-UM3156_14 Datasheet
273Kb / 9P
Low-Voltage SPDT Analog Switch
UM3157 UNIONSEMI-UM3157_14 Datasheet
270Kb / 8P
Low-Voltage SPDT Analog Switch
logo
ON Semiconductor
FSA4157 ONSEMI-FSA4157 Datasheet
376Kb / 13P
Low-Voltage, SPDT Analog Switch
March 2014 Rev. 1.1.1
FSA5157 ONSEMI-FSA5157 Datasheet
502Kb / 14P
Low-Voltage SPDT Analog Switch
February 2008 Rev. 1.0.3
logo
AiT Semiconductor Inc.
A4711 AITSEMI-A4711 Datasheet
471Kb / 10P
SINGLE SPDT ANALOG SWITCH 2.7廓, LOW-VOLTAGE
REV1.1
A4711 AITSEMI-A4711_V01 Datasheet
234Kb / 10P
SINGLE SPDT ANALOG SWITCH 2.7廓, LOW-VOLTAGE
REV2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com