Electronic Components Datasheet Search
  English  ▼

X  

LR1551 Datasheet(PDF) 6 Page - Leshan Radio Company

Part # LR1551
Description  2.7 Low Voltage SPDT Analog Switch in 6-pin SOT363
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR1551 Datasheet(HTML) 6 Page - Leshan Radio Company

Back Button LR1551 Datasheet HTML 2Page - Leshan Radio Company LR1551 Datasheet HTML 3Page - Leshan Radio Company LR1551 Datasheet HTML 4Page - Leshan Radio Company LR1551 Datasheet HTML 5Page - Leshan Radio Company LR1551 Datasheet HTML 6Page - Leshan Radio Company LR1551 Datasheet HTML 7Page - Leshan Radio Company LR1551 Datasheet HTML 8Page - Leshan Radio Company LR1551 Datasheet HTML 9Page - Leshan Radio Company LR1551 Datasheet HTML 10Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
DYNAMIC CHARACTERISTICS @
@
@
@ +5.0V Supply
Guaranteed Limit
Parameter
Symbol
Conditions
Min. Typ.
(1) Max.
Unit
AC ELECTRICAL CHARACTERISTICS
Turn-On Time
tON
VCC = 5.0V; VA1 or VA2 = 3.0V, RL =
300 ; CL = 35pF, VIH=1.5V,VIL=0V
12.0
ns
Turn-Off Time
tOFF
VCC = 5.0V; VA1 or VA2 = 3.5V, RL =
300 ; CL = 35pF, VIH=1.5V,VIL=0V
5.0
ns
Break-Before-Make Time
tBBM
VCC = 5.0V; VA1 or VA2 = 3.5V,
RL = 300 ; CL = 35pF
8.5
ns
NC OFF Capacitance
COFF(A1)
f = 1MHz
5.5
pF
NO OFF Capacitance
COFF(A2)
f = 1MHz
5.5
pF
NC ON Capacitance
CON(A1)
f = 1MHz
15.5
pF
NO ON Capacitance
CON(A2)
f = 1MHz
15.5
pF
ADDITIONAL APPLICATION CHARACTERISTICS
3dB Bandwidth
f3dB
Signal = 0dBm, RL = 50 , CL = 5pF
300
MHz
f = 1MHz
-84
dB
Off Isolation
(2)
VIso
RL = 50 , CL = 5pF,
Signal = 0dBm
f =10MHz
-51
dB
Supply
Power Supply Range
Vcc
1.8
5.5
V
Note:
(1) Typical characteristics are at +5.0V supply and 25
°C
(2) Off Channel Isolation = 20log10 [(VA1\A2)/VB]
Leshan Radio Co ., Ltd
6/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com