Electronic Components Datasheet Search
  English  ▼

X  

LR1551 Datasheet(PDF) 3 Page - Leshan Radio Company

Part # LR1551
Description  2.7 Low Voltage SPDT Analog Switch in 6-pin SOT363
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR1551 Datasheet(HTML) 3 Page - Leshan Radio Company

  LR1551 Datasheet HTML 1Page - Leshan Radio Company LR1551 Datasheet HTML 2Page - Leshan Radio Company LR1551 Datasheet HTML 3Page - Leshan Radio Company LR1551 Datasheet HTML 4Page - Leshan Radio Company LR1551 Datasheet HTML 5Page - Leshan Radio Company LR1551 Datasheet HTML 6Page - Leshan Radio Company LR1551 Datasheet HTML 7Page - Leshan Radio Company LR1551 Datasheet HTML 8Page - Leshan Radio Company LR1551 Datasheet HTML 9Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
DC ELECTRICAL CHARACTERISTICS @
@
@
@ +2.7V Supply
Guaranteed Limit
Parameter
Symbol
Conditions
Min. Typ.
(1) Max.
Unit
Analog Switch
Analog Signal Range
VA1/VA2/VB
0
VCC
V
A1 On-Resistance
RON(A1)
VCC = 2.7V; IB =-10mA ; VA1=1.5V
5.5
A2 On-Resistance
RON(A2)
VCC = 2.7V; IB =-10mA ; VA2 =1.5V
5.5
A1 On-Resistance Flatness
(2)
RFLAT(A1)
VCC = 2.7V; IB =-10mA ; VA1 =1.5V
2.3
A2 On-Resistance Flatness
(2)
RFLAT(A2)
VCC = 2.7V; IB =-10mA ; VA2 =1.5V
2.3
On-Resistance Match Between
Channels
(3)
△RON
VCC = 2.7V; IB =-10mA ;
VA2 /VA1=1.5
0.15
1
A1 or A2 Off Leakage Current
IOFF(A1) or
IOFF(A2)
VCC = 3.6V; VA1 or VA2 = 3V, 0.3V;
VB = 0.3V, 3 V
0.01
1
uA
B On Leakage Current
ION(B)
VCC = 3.6V; VA1 or VA2 = 3.3V, 0.3V;
VB = 0.3V, 3.3 V or floating
0.01
1
uA
Digital I/O
Input Voltage High
VIH
Minimum High Level Input Voltage
1
V
Input Voltage Low
VIL
Maximum Low Level Input Voltage
0.5
V
Input Leakage Current
IENB
VENB = 0 or Vcc
0.01
1
uA
Note:
(1) Typical characteristics are at +3V supply and +25
°C
(2) Flatness is defined as the difference between the maximum and minimum value of on resistance as
measured over the specified analog signal ranges.
(3) △RON= RON(MAX) - RON(MIN), between A1 and A2 .
Leshan Radio Co ., Ltd
3/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com