Electronic Components Datasheet Search
  English  ▼

X  

LR1553 Datasheet(PDF) 3 Page - Leshan Radio Company

Part # LR1553
Description  0.6 Low Ron??0MHz High BW SPDT Analog Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR1553 Datasheet(HTML) 3 Page - Leshan Radio Company

  LR1553 Datasheet HTML 1Page - Leshan Radio Company LR1553 Datasheet HTML 2Page - Leshan Radio Company LR1553 Datasheet HTML 3Page - Leshan Radio Company LR1553 Datasheet HTML 4Page - Leshan Radio Company LR1553 Datasheet HTML 5Page - Leshan Radio Company LR1553 Datasheet HTML 6Page - Leshan Radio Company LR1553 Datasheet HTML 7Page - Leshan Radio Company LR1553 Datasheet HTML 8Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
DC ELECTRICAL CHARACTERISTICS
Vcc
TA = +25℃
TA = -40 to +85℃
Symbol Parameter
Test Conditions
(v)
Min
Typ Max
Min
Max
Unit
VIH
HIGH Level
Input Voltage
2.7
4.5
1.3
1.6
V
VIL
LOW Level
Input Voltage
2.7
4.5
0.9
1.2
V
IIN
Input Leakage Current
0 ≤ VS ≤ 5.5 V
0-5.5
±
0.1
±
1
µA
IOFF
OFF State Leakage
Current
0≤A, B < VCC
5.5
2.0
+2.0
±
20
nA
ION
ON State Leakage
Current
0≤A, B < VCC
5.5
4.0
+4.0
±
40
nA
IO = 100 mA,
B0 or B1 = 3.5 V
2.7
1.2
1.8
2.0
RON
Switch On Resistance
(Note 2)
IO = 100 mA,
B0 orB1=1.5V
4.5
0.6
0.9
1.0
Ω
ICC
Quiescent Supply Current
All Channels ON or OFF
VS = VCC or GND,
IOUT = 0
5.5
0.1
0.2
µA
Analog Signal Range
∆
RON
On Resistance Match
Between Channels
(Notes 2, 3, 4)
IA = 100 mA,
B0orB1= 1.5V
IA = 100 nA,
B0orB1= 3.5 V
2.7
4.5
0.05
0.04
0.08
Rflat
On Resistance
Flatness (Notes 2, 3, 5)
IA = 100 mA,
B0orB1=0V, 0.75V, 1.5V
IA = 100 mA,
B0orB1 =0V, 1.0 V, 2.0 V
2.7
4.5
0.35
0.2
0.3
2. Measured by the voltage drop between A and B pins at the indicated current through the switch. On
Resistance is determined by the lower of the voltages on the two (A or B Ports).
3. Parameter is characterized but not tested in production.
4. DRON = RON max − RON min measured at identical Vcc, temperature and voltage levels.
5. Flatness is defined as the difference between the maximum and minimum value of On Resistance over the
specified range of conditions.
Leshan Radio Co ., Ltd
3/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com