Electronic Components Datasheet Search
  English  ▼

X  

LR1553 Datasheet(PDF) 4 Page - Leshan Radio Company

Part # LR1553
Description  0.6 Low Ron??0MHz High BW SPDT Analog Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR1553 Datasheet(HTML) 4 Page - Leshan Radio Company

  LR1553 Datasheet HTML 1Page - Leshan Radio Company LR1553 Datasheet HTML 2Page - Leshan Radio Company LR1553 Datasheet HTML 3Page - Leshan Radio Company LR1553 Datasheet HTML 4Page - Leshan Radio Company LR1553 Datasheet HTML 5Page - Leshan Radio Company LR1553 Datasheet HTML 6Page - Leshan Radio Company LR1553 Datasheet HTML 7Page - Leshan Radio Company LR1553 Datasheet HTML 8Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AC ELECTRICAL CHARACTERISTICS
Vcc TA = +25℃
TA = -40 to+ 85℃
Figure
Symbol Parameter
Test Conditions
(v)
Min
Typ Max Min
Max
Unit
#
tPHL
tPLH
Propagation Delay
Bus to Bus (Note 6)
VI = OPEN
2.7
4.5
2.0
0.3
ns
tON
Output Enable Time
Turn On Time
(A to Bn)
B0 or B1 = 1.5 V,
RL= 50 , CL= 35 pF
Bo or BI = 3.0 V,
RL= 50 , CL = 35 pF
2.7
4.5
12
9
15
10
20
15
ns
4
tOFF
Output Disable Time
Turn Off Time
(A Port to B Port)
B0 or B1 = 1.5 V,
RL= 50 , CL= 35 pF
Bo or BI = 3.0 V,
RL= 50 , CL = 35 pF
2.7
4.5
10
6
10
8
15
10
ns
4
tBBM
Break Before Make
Time
B1=Vcc; B0=Vcc;
S=0-Vcc RL=50 , CL=
35 pF
2.7
4.5
3
1
5
2
2
1
ns
5
Q
Charge Injection
CL =1.0 nF, VGEN=0V
RGEN = 0
2.7
4.5
26
48
pC
OIRR
Off Isolation
(Note 7)
RL=50
f = 1.0 MHz
2.7
5.5
60
dB
3
XtaLk
Crosstalk
RL=50
f = 1.0 MHz
2.7
5.5
61
dB
BW
3 dB Bandwidth
VA=VCC*0.5+ac1,
RL=RS=50ohm
2.7
5.5
84
80
MHz
2
THD
Total Harmonic
Distortion
RL =600
VIS=0.5Vpp
f = 20 Hz to 20 kHz
2.7
5.5
0.01
%
6. This parameter is guaranteed by design but not tested. The bus switch contributes no propagation delay
other than the RC delay of the On Resistance of the switch and the 50pF load capacitance, when driven by an
ideal voltage source (zero output impedance).
7.Off Isolation = 20 log10 [VA/VBn].
CAPACITANCE (Note 8)
Symbol
Parameter
Test Conditions
Typ
Max
Unit
CIN
Select Pin Input Capacitance
Vcc= 0V, f=1MHz
10
pF
CIOB
B Port Off Capacitance
Vcc=4.5V, f=1MHz
25
pF
CIOA(ON)
A Port Capacitance when Switch is
Enabled
Vcc=4.5V, f=1MHz
87
pF
8. TA = +25°C, f = 1 MHz, Capacitance is characteriz ed but not tested in production.
Leshan Radio Co ., Ltd
4/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com