Electronic Components Datasheet Search
  English  ▼

X  

LR1553 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # LR1553
Description  0.6 Low Ron??0MHz High BW SPDT Analog Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR1553 Datasheet(HTML) 1 Page - Leshan Radio Company

  LR1553 Datasheet HTML 1Page - Leshan Radio Company LR1553 Datasheet HTML 2Page - Leshan Radio Company LR1553 Datasheet HTML 3Page - Leshan Radio Company LR1553 Datasheet HTML 4Page - Leshan Radio Company LR1553 Datasheet HTML 5Page - Leshan Radio Company LR1553 Datasheet HTML 6Page - Leshan Radio Company LR1553 Datasheet HTML 7Page - Leshan Radio Company LR1553 Datasheet HTML 8Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
0.6Ω
Ω
Ω
Ω Low Ron、
、
、
、80MHz High BW SPDT Analog Switch
Features
Wide Power Supply Range: 1.8V to 5.5V
High Bandwidth:
80MHz@Vcc=4.5V, 85MHz@Vcc=2.7V
High Off-Isolation: -61dB
Ultra-Low On-Resistance:
0.6Ω@Vcc=4.5V, 1.2Ω@Vcc=2.7V
Fast Switching Time
Ton = 12.0ns; Toff = 10.0ns(Vcc=2.7V)
Low THD (0.01% @ Vcc = 2.7V)
Break-Before-Make Switching
5ns @ Vcc = 2.7V
Rail-to-Rail Signal Range
Operation Temperature Range:
-40℃ to 85℃
Lead (Pb) Free SOT363-6 Package
Applications
Cell Phone
Speaker Switching
Power Switching
Computer Peripherals
Modems
Pin Configuration
6
66
6
5
55
5
4
44
4
S
VCC
A
DSSS
1
11
1
2
22
2
3
33
3
B1 GND B0
Function Table
S(LOGIC)
Function
0
B0 Connected to A
1
B1 Connected to A
Block Diagram Shown For Logic “0” Input
Description
The LR1553 is a single, bi-directional, single-pole
double throw (SPDT) CMOS switch. It features low
on-resistance (0.6Ω TYP) and high-bandwidth
(80MHz). LR1553 features low on-resistance flatness
over the signal range (0.18
TYP). This ensures
excellent linearity and low distortion when switching
audio signals.
The LR1553 is designed for low operating voltage
(1.65V-5.5V), high current switching of speaker
output
for
cell
phone
or
a
balanced
microphone/speaker/ring tone generator in a mono-
phone mode. The device contains a break before
make feature which eliminates signal disruption
during switching.
LR1553 is available in a SOT363 package.
Block Diagram
1
11
1
2
22
2
3
33
3
6
66
6
5
55
5
4
44
4
LR1553
B1
GND
B0
S
VCC
A
Pin Description
NAME
PIN
FUNCTION
B1
1
Data port 1
GND
2
Ground
B0
3
Data port 0
A
4
Common Data port
VCC
5
Power supply
S
6
Digital control pin to
connect the A port to the
B0 or B1 port.
Note: B0, B1 and A port may be an input or output.
SSS: production id
LR1553
Leshan Radio Co ., Ltd
1/8


Similar Part No. - LR1553

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LR1551 LRC-LR1551 Datasheet
153Kb / 10P
2.7 Low Voltage SPDT Analog Switch in 6-pin SOT363
LR1552 LRC-LR1552 Datasheet
239Kb / 7P
Dual SPDT Analog Switch with Chip Scale Packaging
LR1554 LRC-LR1554 Datasheet
451Kb / 6P
L ow Voltage 0.4 Quad SPDT Analog Switch
More results

Similar Description - LR1553

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PA2011 PROTEC-PA2011 Datasheet
275Kb / 8P
Low-Voltage, Low RON, Single SPDT Analog Switch.
logo
Vishay Siliconix
DG2307 VISHAY-DG2307 Datasheet
105Kb / 7P
High-Speed, Low rON, SPDT Analog Switch
30-Apr-07
logo
ams AG
AS1746 AMSCO-AS1746_1 Datasheet
483Kb / 15P
0.5/0.6, Low-Voltage, Dual SPDT Analog Switch
logo
Vishay Siliconix
DG3157 VISHAY-DG3157_09 Datasheet
126Kb / 8P
High-Speed, Low RON, SPDT Analog Switch
23-Feb-09
logo
Alpha & Omega Semicondu...
AOZ6134 AOSMD-AOZ6134 Datasheet
343Kb / 9P
High Performance, Low RON, 1 ohm SPDT Analog Switch
AOZ6135 AOSMD-AOZ6135 Datasheet
454Kb / 11P
High Performance, Low RON, 1廓 SPDT Analog Switch
logo
Vishay Siliconix
DG2735A VISHAY-DG2735A_V01 Datasheet
175Kb / 10P
Low Voltage, 0.6 Ω, Dual SPDT Analog Switch
18-Apr-16
DG2735 VISHAY-DG2735_V01 Datasheet
169Kb / 10P
Low Voltage, 0.6 Ω, Dual SPDT Analog Switch
22-Oct-12
DG3157 VISHAY-DG3157_V01 Datasheet
129Kb / 8P
High-Speed, Low RON, SPDT Analog Switch
23-Feb-09
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com